Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 33 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 33 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 29Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 30Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 31Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 32Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 33Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 34Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 35Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 36Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 37Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 142 page
background image
Datasheet
eCompass BMC150
Page 33
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.5 Accelerometer offset compensation
Offsets in measured acceleration signals can have several causes but they are always
unwanted and disturbing in many cases. Therefore, the accelerometer part of BMC150 offers an
advanced set of four digital offset compensation methods which are closely matched to each
other. These are slow, fast, and manual compensation, and inline calibration.
The compensation is performed with unfiltered data, and is then applied to both, unfiltered and
filtered data. If necessary the result of this computation is saturated to prevent any overflow
errors (the smallest or biggest possible value is set, depending on the sign). However, the
registers used to read and write compensation values have only a width of 8 bits.
An overview of the offset compensation principle is given in
Figure 7:
Figure 7: Principle of offset compensation
1g
7.8mg
15.6mg
31.2mg
62.5mg
125mg
250mg
500mg
Sign
3.9mg
1.9mg
0.97mg
1g
7.8mg
15.6mg
31.2mg
62.5mg
125mg
250mg
500mg
Sign
3.9mg
1.9mg
2g
1g
7.8mg
15.6mg
31.2mg
62.5mg
125mg
250mg
500mg
Sign
3.9mg
2g
4g
Sign
1g
7.8mg
15.6mg
31.2mg
62.5mg
125mg
250mg
500mg
8g
2g
4g
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
-
+-2g
+-4g
+-8g
+-16g
Sign
MSB
LSB
7.8mg
15.6mg
31.2mg
62.5mg
125mg
250mg
500mg
Read/
Write
12 bit acceleration data range
I2C/SPI/NVM mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com