Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 30 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 30 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 26Page - Feeling Technology Corp. SYNPWM Datasheet HTML 27Page - Feeling Technology Corp. SYNPWM Datasheet HTML 28Page - Feeling Technology Corp. SYNPWM Datasheet HTML 29Page - Feeling Technology Corp. SYNPWM Datasheet HTML 30Page - Feeling Technology Corp. SYNPWM Datasheet HTML 31Page - Feeling Technology Corp. SYNPWM Datasheet HTML 32Page - Feeling Technology Corp. SYNPWM Datasheet HTML 33Page - Feeling Technology Corp. SYNPWM Datasheet HTML 34Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.30/FM8P73B
FEELING
TECHNOLOGY
Table 2.1: Reset Conditions for Operational Registers
Register
Address
Power-on Reset
Brown-out Reset
WDT Reset
RSTB Reset
ACC
N/A
xxxx xxxx
uuuu uuuu
INDF
00h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000# #xxx
FSR
04h
0xxx xxxx
0uuu uuuu
IOSTA
05h
0011 1111
0011 1111
PORTA
06h
00xx xxxx
00uu uuuu
IOSTB
07h
1111 0111
1111 0111
PORTB
08h
xxxx xxxx
uuuu uuuu
T1CON
0Bh
0000 0000
0000 0000
PWM1CON
0Ch
0000 0000
0000 0000
T1LA
0Dh
1111 1111
1111 1111
T2CON
0Fh
0000 0000
0000 0000
T2LA
10h
1111 1111
1111 1111
SYNPWM
14h
0000 0000
0000 0000
INTEN
15h
0000 0000
0000 0000
INTFLAG
16h
0000 0000
0000 0000
ADCON1
17h
0000 0000
0000 0000
ADCON2
18h
0000 0000
0000 0000
ADCON3
19h
0000 0000
0000 0000
ADDATL
1Ah
0000 0000
0000 0000
ADDATH
1Bh
0000 0000
0000 0000
APHCON
1Dh
0000 0000
0000 0000
BPHCON
1Eh
0000 0000
0000 0000
INTPB
20h
0000 0000
0000 0000
WDTCON
21h
0000 0111
0000 0111
T3CON
22h
0000 0000
0000 0000
T3LA
24h
1111 1111
1111 1111
General Purpose Registers
30 ~ 6Fh
xxxx xxxx
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented,
# = refer to the following table for possible values.
Table 2.2: TO
̅̅̅̅ / PD
̅̅̅̅Status after Reset or Wake-up
TO
̅̅̅̅
PD
̅̅̅̅
RESET was caused by
1
1
Power-on Reset / Brown-out reset
u
u
RSTB Reset during normal operation
1
0
RSTB Reset during SLEEP
0
1
WDT timer overflow from normal mode
0
0
WDT timer overflow from sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com