Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 27 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 27 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 23Page - Feeling Technology Corp. SYNPWM Datasheet HTML 24Page - Feeling Technology Corp. SYNPWM Datasheet HTML 25Page - Feeling Technology Corp. SYNPWM Datasheet HTML 26Page - Feeling Technology Corp. SYNPWM Datasheet HTML 27Page - Feeling Technology Corp. SYNPWM Datasheet HTML 28Page - Feeling Technology Corp. SYNPWM Datasheet HTML 29Page - Feeling Technology Corp. SYNPWM Datasheet HTML 30Page - Feeling Technology Corp. SYNPWM Datasheet HTML 31Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.27/FM8P73B
FEELING
TECHNOLOGY
2.5
Watch Dog Timer (WDT)
The Watchdog Timer (WDT) is a free running on-chip RC oscillator which does not require any external
components. So the WDT will still run even if the clock on the OSCI and OSCO pins is turned off, such as in
SLEEP mode.
The WDT has a typical time-out period of 20 ms (without prescaler). This period of this timer may be variant
slightly because of temperature, voltage, and process variation. If a longer time-out period is desired, a prescaler
with a division ratio of up to 1:128 can be assigned to the WDT controlled by the WDTCON register <2:0>. Thus,
the longest time-out period is approximately 2.56 seconds.
The CLRWDT instruction clears the WDT and prevents it from timing out and generating a device reset.
The SLEEP instruction also resets the WDT. This gives the maximum SLEEP time before a WDT Wake-up
Reset.
There are two type of watchdog timer mode could be selected by I_WDT (WDTCON <6>). When I_WDT bit
disable, normal watchdog timer reset is selected. During normal operation or in SLEEP mode, a WDT time-out
will cause the device reset and the TO
̅̅̅̅ bit (STATUS<4>) will be cleared.
If I_WDT bit enabled, the internal watchdog timer wakeup will be used. The system wakeups from sleep, then
jumps into interrupt vector with external interrupt request PBIF (INTFLAG<5>) and continues from next instruction
instead of triggering a reset event. There is a stabilization time required for internal watchdog wakeup could be
selected by I_ TWDT (WDTCON<5>). The default value of this stabilization timer is 2.5ms.
Example 2.4: Internal Watchdog Wakeup
Address
Code
NA
#include
<8P73B.ASH>
…
n
MOVIA
0xA0
n+1
MOVAR
INTEN
;Enable global & Port B interrupt
n+2
CLRWDT
n+3
MOVIA
0x67
n+4
MOVAR
WDTCON
;Sleep: 2.56S + Wakeup:1.25mS
n+5
…
n+6
…
n+7
SLEEP
n+8
NOP
…
N/A
ISR:
;In this example, ISR define at 0x200
200
…
;User WDT Wakeup ISR code
200+n
MOVIA
0xDF
200+n+1
MOVAR
INTFLAG
;Clear PBIF flag(Note1)
200+n+2
RETFIE
0x3FE
GOTO
ISR
0x3FF
GOTO
START
Note : 1. BCR instruction is not recommended for Clear interrupt flag (INTFLAG register).
2. Interrupt save status code is not shown in this example.
1. WDT Wakeup
2. Return from ISR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com