Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 46 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 46 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 42Page - Feeling Technology Corp. SYNPWM Datasheet HTML 43Page - Feeling Technology Corp. SYNPWM Datasheet HTML 44Page - Feeling Technology Corp. SYNPWM Datasheet HTML 45Page - Feeling Technology Corp. SYNPWM Datasheet HTML 46Page - Feeling Technology Corp. SYNPWM Datasheet HTML 47Page - Feeling Technology Corp. SYNPWM Datasheet HTML 48Page - Feeling Technology Corp. SYNPWM Datasheet HTML 49Page - Feeling Technology Corp. SYNPWM Datasheet HTML 50Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.46/FM8P73B
FEELING
TECHNOLOGY
6.0
ELECTRICAL CHARACTERISTICS
6.1
ELECTRICAL CHARACTERISTICS of FM8P73B
Ta=25℃
Under Operating Conditions, at four clock instruction cycles and WDT & LVDT are disabled
Sym
Description
Conditions
Min.
Typ.
Max.
Unit
FHF
X’tal oscillation range
HF mode, Vdd=5V, Fcpu=Fosc/2
20
MHz
HF mode, Vdd=3V, Fcpu=Fosc/2
15
FXT
X’tal oscillation range
XT mode, Vdd=5V, Fcpu=Fosc/2
10
MHz
XT mode, Vdd=3V, Fcpu=Fosc/2
10
FLF
X’tal oscillation range
LF mode, Vdd=5V, Fcpu=Fosc/2
4000
KHZ
LF mode, Vdd=3V, Fcpu=Fosc/2
1000
FERC
RC oscillation range
ERC mode, Vdd=5V, Fcpu=Fosc/2
15
MHz
ERC mode, Vdd=3V, Fcpu=Fosc/2
7
FIRC
IRC Calibration range
HV mode, Vdd=5V
-3
+3
%
LV mode, Vdd=3V
-3
+15
VIH
Input high voltage
With schmitter
V
I/O ports
0.7Vdd
Vdd
RSTB pin
0.8Vdd
Vdd
VIL
Input low voltage
With schmitter
V
I/O ports
Vss
0.2Vdd
RSTB pin
Vss
0.2Vdd
IIL
Input Leakage Current
Vin = 5V, Vdd=5V
1
uA
Vin = 0V, Vdd=5V
1
IOH
IO Drive Current
VOH =4.5V, Vdd = 5V
7.5
mA
VOH =4V, Vdd = 5V
14.5
IOL
IO Sink Current
VOL =0.5V, Vdd = 5V
13.5
mA
VOL =0.75V, Vdd = 5V
18.5
RPH
Pull-high resister
Input pin at Vss, vdd=5V
70
140
210
KΩ
Input pin at Vss, vdd=3V
140
280
420
IWDT
WDT current
Vdd=5V
11
uA
Vdd=3V
2
TWDT
WDT period
Vdd=3V
22
mS
Vdd=5V
19
ILVDT
LVDT current
LVDT = 3.5V, vdd=5V
2.5
uA
LVDT = 2.3V, vdd=5V
3
LVDT = 2.3V, vdd=3V
0.6
LVDT = 2.0V, vdd=5V
2.5
LVDT = 2.0V, vdd=3V
0.5
VLVDT
LVDT voltage
LVDT = 3.5V
3.4
3.6
3.8
V
LVDT = 2.3V
2.2
2.4
2.6
LVDT = 2.0V
1.9
2.1
2.3
VAD
A/D input Voltage
0
Vdd
V
RAD
Resolution
10
Bits
DNL
A/D Differential Non-
Linear
2
LSB
INL
A/D Integral Non-
Linear
5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com