Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 34 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 34 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 30Page - Feeling Technology Corp. SYNPWM Datasheet HTML 31Page - Feeling Technology Corp. SYNPWM Datasheet HTML 32Page - Feeling Technology Corp. SYNPWM Datasheet HTML 33Page - Feeling Technology Corp. SYNPWM Datasheet HTML 34Page - Feeling Technology Corp. SYNPWM Datasheet HTML 35Page - Feeling Technology Corp. SYNPWM Datasheet HTML 36Page - Feeling Technology Corp. SYNPWM Datasheet HTML 37Page - Feeling Technology Corp. SYNPWM Datasheet HTML 38Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.34/FM8P73B
FEELING
TECHNOLOGY
Figure 2.10: HF, XT or LF Oscillator Modes (Crystal Operation or Ceramic Resonator)
FM8P73B
RF
OSCI
OSCO
RS
C1
C2
X`TAL
R1
SLEEP
Internal
Circuit
Figure 2.11: HF, XT or LF Oscillator Modes (External Clock Input Operation)
FM8P73B
OSCI
OSCO
Clock from
External System
Figure 2.12: ERC (External Resistor Controlled) Oscillator Mode
FM8P73B
OSCI
OSCO
Rext
Cext
Internal
Circuit
/2, /4
The typical oscillator frequency vs. external resistor is as following table
When Cext = 0.01uf (103)
5V
3V
Rext
Frequency
Rext
Frequency
4.3M
32 KHz
3.6M
32 KHz
210K
500 KHz
238K
500 KHz
108K
1.0 MHz
116K
1.0 MHz
56K
2.0 MHz
59K
2.0 MHz
30K
4.0 MHz
30K
4.0 MHz
16K
8.0 MHz
16K
8.0 MHz
11K
12.0 MHz
11K
12.0 MHz
Note: Values are provided for design reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com