Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 5Page - Feeling Technology Corp. SYNPWM Datasheet HTML 6Page - Feeling Technology Corp. SYNPWM Datasheet HTML 7Page - Feeling Technology Corp. SYNPWM Datasheet HTML 8Page - Feeling Technology Corp. SYNPWM Datasheet HTML 9Page - Feeling Technology Corp. SYNPWM Datasheet HTML 10Page - Feeling Technology Corp. SYNPWM Datasheet HTML 11Page - Feeling Technology Corp. SYNPWM Datasheet HTML 12Page - Feeling Technology Corp. SYNPWM Datasheet HTML 13Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.9/FM8P73B
FEELING
TECHNOLOGY
2.1.2
PCL (Low Bytes of Program Counter) & Stack
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
02h (r/w)
PCL
Low order 8 bits of PC
FM8P73B device have a 10-bits wide Program Counter (PC) and six-level deep 10-bit hardware push/pop stack.
The low byte of PC is called the PCL register. This register is readable and writable.
As a program instruction is executed, the Program Counter will contain the address of the next program
instruction to be executed. The PC value is increased by one, every instruction cycle, unless an instruction
changes the PC.
Figure 2.2: Loading of PC in Different Situations
Situation 1: GOTO Instruction
PCL
7
0
8
9
PC
Opcode <9:0>
PCH
Situation 2: CALL Instruction
PCL
7
0
8
9
PC
Opcode <9:0>
PCH
STACK<9:0>
Situation 3: RETIA, RETFIE, or RETURN Instruction
PCL
7
0
8
9
PC
PCH
STACK<9:0>
Situation 4: Instruction with PCL as destination
PCL
7
0
8
9
STATUS
PC
PCH
ALU result <7:0>
Or Opcode <7:0>
-
-
-
-
PS
-
-
-
0
Note: PC<9:8> cannot be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com