Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 2Page - Feeling Technology Corp. SYNPWM Datasheet HTML 3Page - Feeling Technology Corp. SYNPWM Datasheet HTML 4Page - Feeling Technology Corp. SYNPWM Datasheet HTML 5Page - Feeling Technology Corp. SYNPWM Datasheet HTML 6Page - Feeling Technology Corp. SYNPWM Datasheet HTML 7Page - Feeling Technology Corp. SYNPWM Datasheet HTML 8Page - Feeling Technology Corp. SYNPWM Datasheet HTML 9Page - Feeling Technology Corp. SYNPWM Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.6/FM8P73B
FEELING
TECHNOLOGY
1.2
Data Memory Organization
Data memory is composed of 27 bytes Special Function Registers and 64 bytes General Purpose Registers.
The data memory can be accessed either directly or indirectly through the FSR register.
Table 1.1: Registers File Map for FM8P73B
Address
Description
00h
:
Special Purpose
:
Register
24h
30h
:
General Purpose
:
Register
6Fh
Table 1.2: Special Purpose Registers Map
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
System
00h (r/w)
INDF
Uses contents of FSR to address data memory (not a physical register)
02h (r/w)
PCL
Low order 8 bits of PC
03h (r/w)
STATUS
-
-
PS
TO
̅̅̅̅
PD
̅̅̅̅
Z
DC
C
04h (r/w)
FSR
0
Indirect data memory address pointer
IO PAD & CONTROL
05h (r/w)
IOSTA
-
-
IOSTA5
IOSTA4
IOSTA3
IOSTA2
IOSTA1
IOSTA0
06h (r/w)
PORTA
-
-
IOA5
IOA4
IOA3
IOA2
IOA1
IOA0
07h (r/w)
IOSTB
IOSTB7
IOSTB6
IOSTB5
IOSTB4
-
IOSTB2
IOSTB1
IOSTB0
08h (r/w)
PORTB
IOB7
IOB6
IOB5
IOB4
IOB3
IOB2
IOB1
IOB0
Timer1: 8-bit Timer & PWM1 Period
0Bh (r/w)
T1CON
T1EN
T1LOAD
T1SO1
T1SO0
T1EDG
T1PS2
T1PS1
T1PS0
0Ch (r/w)
PWM1CON T12MOD
PWMS
POPS
-
PIR13
PIR12
PIR11
PIR10
0Dh (r/w)
T1LA
8-bit real-time timer Latch
14h (r/w)
SYNPWM
SYNEN
PINV
DISN
-
-
-
DELS1
DELS0
Timer2: 8-bit Timer & PWM1 Duty
0Fh (r/w)
T2CON
T2EN
T2LOAD
T2SO1
T2SO0
T2EDG
T2PS2
T2PS1
T2PS0
10h (r/w)
T2LA
8-bit real-time timer Latch
Timer3: 8-bit Timer
22h (r/w)
T3CON
T3EN
T3LOAD
T3SO1
T3SO0
T3EDG
T3PS2
T3PS1
T3PS0
24h (r/w)
T3LA
8-bit real-time timer Latch
IRQ
15h (r/w)
INTEN
GIE
ADCIE
PBIE
-
-
T3IE
T2IE
T1P1IE
16h (r/w)
INTFLAG
-
ADCIF
PBIF
-
-
T3IF
T2IF
T1P1IF
ADC Control
17h (r/w)
ADCON1
ADCEN
-
-
-
CHSL3
CHSL2
CHSL1
CHSL0
18h (r/w)
ADCON2
-
-
-
-
-
-
CLKSL1 CLKSL0
19h (r/w)
ADCON3
-
-
-
-
ANISL3
ANISL2
ANISL1
ANISL0
1Ah (r)
ADDATL
D1
D0
-
-
-
-
-
-
1Bh (r)
ADDATH
D9
D8
D7
D6
D5
D4
D3
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com