Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 43 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 43 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 39Page - Feeling Technology Corp. SYNPWM Datasheet HTML 40Page - Feeling Technology Corp. SYNPWM Datasheet HTML 41Page - Feeling Technology Corp. SYNPWM Datasheet HTML 42Page - Feeling Technology Corp. SYNPWM Datasheet HTML 43Page - Feeling Technology Corp. SYNPWM Datasheet HTML 44Page - Feeling Technology Corp. SYNPWM Datasheet HTML 45Page - Feeling Technology Corp. SYNPWM Datasheet HTML 46Page - Feeling Technology Corp. SYNPWM Datasheet HTML 47Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.43/FM8P73B
FEELING
TECHNOLOGY
RETURN
Return from Subroutine
Syntax:
RETURN
Operands:
None
Operation:
Top of Stack  PC
Status Affected:
None
Description:
The program counter is loaded from the top of the stack (the return address). This is a two-
cycle instruction.
Cycles:
2
RLR
Rotate Left R through Carry
Syntax:
RLR R, d
Operands:
0
R 0x6F
d
[0,1]
Operation:
R<7>  C;
R<6:0>  dest<7:1>;
C  dest<0>
Status Affected:
C
Description:
The contents of register ‘R’ are rotated left one bit to the left through the Carry Flag. If ‘d’ is
0 the result is placed in the ACC register. If ‘d’ is 1 the result is stored back in register ‘R’.
Cycles:
1
RRR
Rotate Right R through Carry
Syntax:
RRR R, d
Operands:
0
R 0x6F
d
[0,1]
Operation:
C  dest<7>;
R<7:1>  dest<6:0>;
R<0>  C
Status Affected:
C
Description:
The contents of register ‘R’ are rotated one bit to the right through the Carry Flag. If ‘d’ is 0
the result is placed in the ACC register. If ‘d’ is 1 the result is placed back in register ‘R’.
Cycles:
1
SLEEP
Enter SLEEP Mode
Syntax:
SLEEP
Operands:
None
Operation:
00h  WDT;
1  TO
̅̅̅̅;
0  PD
̅̅̅̅
Status Affected:
TO
̅̅̅̅, PD
̅̅̅̅
Description:
Time-out status bit (TO
̅̅̅̅) is set. The power-down status bit (PD
̅̅̅̅) is cleared. The WDT is
cleared.
The processor is put into SLEEP mode.
Cycles:
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com