Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 19 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 19 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. SYNPWM Datasheet HTML 19Page - Feeling Technology Corp. SYNPWM Datasheet HTML 20Page - Feeling Technology Corp. SYNPWM Datasheet HTML 21Page - Feeling Technology Corp. SYNPWM Datasheet HTML 22Page - Feeling Technology Corp. SYNPWM Datasheet HTML 23Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.19/FM8P73B
FEELING
TECHNOLOGY
2.1.12
ADCON2 (AD converter Control Register2)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
18h (r/w)
ADCON2
-
-
-
-
-
-
CLKSL1 CLKSL0
Legend: - = unimplemented, read as ‘0’.
CLKSL1:CLKSL0 : ADC Conversion clock source select bits.
CKSL1
CKSL0
Conversion clock
0
0
System clock /2 (fastest result, lowest quality)
0
1
System clock /8
1
0
System clock /32
1
1
System clock /128 (slowest result, best quality)
Note : The conversion clocks decide the conversion rate and precision. If fast conversion clock is selected, that
will drop-off the precision. If want to get more accurate A/D data, use slow speed is recommended.
2.1.13
ADCON3 (AD converter Control Register3)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
19h (r/w)
ADCON3
-
-
-
-
ANISL3
ANISL2
ANISL1
ANISL0
Legend: - = unimplemented, read as ‘0’.
ANISL3:ANISL0 : Analog input select bits.
ANISL3
ANISL2
ANISL1
ANISL0
Analog input selection
0
0
0
0
All the ports are digital input
0
0
0
1
AN0
0
0
1
0
AN1
0
0
1
1
AN2
0
1
0
0
AN3
0
1
0
1
AN4
0
1
1
0
AN5
0
1
1
1
AN6
1
0
0
0
AN7
1
0
0
1
AN8
1
0
1
0
AN9
1
0
1
1
AN10
Note : To minimize power consumption, all the I/O pins should be carefully managed before entering sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com