Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 35 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 35 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 31Page - Feeling Technology Corp. SYNPWM Datasheet HTML 32Page - Feeling Technology Corp. SYNPWM Datasheet HTML 33Page - Feeling Technology Corp. SYNPWM Datasheet HTML 34Page - Feeling Technology Corp. SYNPWM Datasheet HTML 35Page - Feeling Technology Corp. SYNPWM Datasheet HTML 36Page - Feeling Technology Corp. SYNPWM Datasheet HTML 37Page - Feeling Technology Corp. SYNPWM Datasheet HTML 38Page - Feeling Technology Corp. SYNPWM Datasheet HTML 39Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.35/FM8P73B
FEELING
TECHNOLOGY
Figure 2.13: IRC Oscillator Mode (Internal R, Internal C Oscillator)
FM8P73B
IOB5
IOB4
Internal
Circuit
C
2.10
Configuration Words
Table 2.3: Configuration Words
Name
Description
Fosc
Oscillator Selection Bit
IRC(4MHz) mode (default)
ERC mode
HF crystal mode
XT crystal mode
LF crystal mode
Note: See Table 2.4 for detail description.
WDTEN
Watchdog Timer Enable Bit
WDT enabled (default)
WDT disabled
LVDT
Low Voltage Detector Selection Bit
LVDT Disable (default)
LVDT = 2.0V
LVDT = 2.3V
LVDT = 3.5V
RSTBIN
IOB3/RSTB Pin Selection Bit
RSTB pin is selected (default)
IOB3 pin is selected
PWRT
Power On Reset time Selection Bit
20ms is selected (default)
5ms is selected
OSCD
Instruction Period Selection Bit
four oscillator periods (4T) (default)
two oscillator periods (2T)
OSCOUT
IOB4/OSCO Pin Selection Bit
OSCO pin is selected (default)
IOB4 pin is selected
PROTECT
Code Protection Bit
NO, EPROM code protection off (default)
YES, EPROM code protection on
Table 2.4: Selection of IOB5/OSCI and IOB4/OSCO Pin
Mode of oscillation
IOB5/OSCI
IOB4/OSCO
IRC
Force to IOB5
Force to IOB4
ERC
Force to OSCI
IOB4/OSCO selected by OSCOUT bit
HF, XT, LF
Force to OSCI
Force to OSCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com