Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 16 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 16 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 12Page - Feeling Technology Corp. SYNPWM Datasheet HTML 13Page - Feeling Technology Corp. SYNPWM Datasheet HTML 14Page - Feeling Technology Corp. SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. SYNPWM Datasheet HTML 19Page - Feeling Technology Corp. SYNPWM Datasheet HTML 20Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.16/FM8P73B
FEELING
TECHNOLOGY
2.1.8
Timer3: 8-bit Timer
The Timer3 is an 8-bit down-count timer which include latch register. Please refer to 2.3 for detail Timer
description.
2.1.8.1
T3CON (Timer3 Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
22h (r/w)
T3CON
T3EN
T3LOAD
T3SO1
T3SO0
T3EDG
T3PS2
T3PS1
T3PS0
T3EN : TMR3 Enable/Disable
= 1, TMR3 Enable.
= 0, TMR3 Disable.
T3LOAD : Enable/Disable Latch Buffer automatically load to counter register while writing to latch register
= 1, Enable TMR3 latch buffer automatically load to counter register while writing to latch register.
= 0, Disable TMR3 latch buffer automatically load to counter register while writing to latch register.
Note: This bit is only affected after latch register written. When the timer underflows, the latch register
data will automatically load into counter register.
T3SO1:T3SO0 : TMR3clock source selection
T3SO1
T3SO0
TMR3clock source
0
0
TMCKI(IOB2)
0
1
Internal instruction clock cycle
1
0
Fosc
1
1
No function, don’t use
T3EDG : TMR3 clock edge selection. This bit works only when external clock source TMCKI (IOB2) selected.
= 1, TMR3 increased on falling edge of TMCKI pin.
= 0, TMR3 increased on rising edge of TMCKI pin.
T3PS2:T3PS0 : TMR3 Prescaler selection
T3PS2 : T3PS0
TMR3 Prescal rate
0
0
0
1:1
0
0
1
1:2
0
1
0
1:4
0
1
1
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
2.1.8.2
T3LA (Timer3 Latch Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
24h (r/w)
T3LA
8-bit real-time timer Latch
T3LA is a Timer3 pre-set latch buffer, see 2.3 for detail description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com