Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 26 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 26 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 22Page - Feeling Technology Corp. SYNPWM Datasheet HTML 23Page - Feeling Technology Corp. SYNPWM Datasheet HTML 24Page - Feeling Technology Corp. SYNPWM Datasheet HTML 25Page - Feeling Technology Corp. SYNPWM Datasheet HTML 26Page - Feeling Technology Corp. SYNPWM Datasheet HTML 27Page - Feeling Technology Corp. SYNPWM Datasheet HTML 28Page - Feeling Technology Corp. SYNPWM Datasheet HTML 29Page - Feeling Technology Corp. SYNPWM Datasheet HTML 30Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.26/FM8P73B
FEELING
TECHNOLOGY
2.4.2
Sync PWM mode
In Sync PWM mode, the PWM has two outputs. PWM1N Non overlap time can be adjusted from SYNPWM<1:0>,
please refer to the sample program and the timing diagram below.
Example 2.3: PWM1 Setting (Sync mode)
Address
Code
NA
#include
<8P73B.ASH>
…
//Set PWM1 Period
n
MOVIA
0x61
n+1
MOVAR
T1CON
;Set source: 4MHz IRC (250nS) Prescaler 1:2
n+2
MOVIA
0x80
n+3
MOVAR
PWM1CON
;Set PWM interrupt rate 1:1, output on IOA0
n+4
MOVIA
0x0F
n+5
MOVAR
T1LA
;Set period (0x0F down count to 0x00)
;Period time = 250ns x 16 x 2 = 8uS
//Set PWM1 Duty
n+6
MOVIA
0x61
n+7
MOVAR
T2CON
;Set source 4MHz IRC (250nS) Prescaler 1:2
n+8
MOVIA
0x07
n+9
MOVAR
T2LA
;Set Duty (0x07 down count to 0x00)
;Duty time = 250ns x 8 x2 = 4uS
//Set Sync PWM
n+10
MOVIA
0x82
n+11
MOVAR
SYNPWM
;Set PWM1P is normal, IOA1 is PWM1N output
;Non overlap time = 3/2 cycle time
n+12
BSR
T1CON,T1EN_B
;Start PWM1
n+13
MOVIA
0x81
n+14
MOVAR
INTEN
;Enable global & PWM1 interrupt
n+15
CLRR
INTFLAG
;Clear interrupt flag
Note: The PWM duty (Timer2) must be smaller than PWM period (Timer1).
Figure 2.6: Sync PWM Waveform
TMR1 counter :
Sync PWM1P output :
Sync PWM1N output :
TMR2 counter :
PWM Period
PWM Duty
00
01
0D 0C
00
01
09
0A
Non Overlap ti me
=3/2 cycl e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com