Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 18 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 18 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 14Page - Feeling Technology Corp. SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. SYNPWM Datasheet HTML 19Page - Feeling Technology Corp. SYNPWM Datasheet HTML 20Page - Feeling Technology Corp. SYNPWM Datasheet HTML 21Page - Feeling Technology Corp. SYNPWM Datasheet HTML 22Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.18/FM8P73B
FEELING
TECHNOLOGY
2.1.10
INTFLAG (Interrupt Status Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
16h (r/w)
INTFLAG
-
ADCIF
PBIF
-
-
T3IF
T2IF
T1P1IF
Legend: - = unimplemented, read as ‘0’.
ADCIF : ADC Interrupt flag. Set when ADC conversion is completed, reset by software.
PBIF : Port B <7:0> Interrupt flag. Set when pin changed on selected I/O by register INTPB, and reset by
software.
T3IF : TMR3 interrupt flag. Set when TMR3 underflows, and reset by software.
T2IF : TMR2 interrupt flag. Set when TMR2 underflows, and reset by software.
T1P1IF : TMR1 interrupt or PWM1 interrupt flag. Set when TMR1 underflows or PWM1 pulse counts to selected
interrupt rate, and reset by software.
2.1.11
ADCON1 (AD converter Control Register1)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
17h (r/w)
ADCON1
ADCEN
-
-
-
CHSL3
CHSL2
CHSL1
CHSL0
Legend: - = unimplemented, read as ‘0’.
ADCEN : ADC enable/disable setting
= 0, Disable.
= 1, Enable.
Note : This bit should be set by software and would be reset by hardware after the ADC end of
conversion.
CHSL3:CHSL0 : ADC input channel select
CHSL3
CHSL2
CHSL1
CHSL0
Input channel
0
0
0
0
Channel 0, IOA0 pin
0
0
0
1
Channel 1, IOA1 pin
0
0
1
0
Channel 2, IOA2 pin
0
0
1
1
Channel 3, IOA3 pin
0
1
0
0
Channel 4, IOA4 pin
0
1
0
1
Channel 5, IOA5 pin
0
1
1
0
Channel 6, IOB0 pin
0
1
1
1
Channel 7, IOB1 pin
1
0
0
0
Channel 8, IOB2 pin
1
0
0
1
Channel 9, IOB6 pin
1
0
1
0
Channel 10, IOB7 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com