Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 47 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 47 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 43Page - Feeling Technology Corp. SYNPWM Datasheet HTML 44Page - Feeling Technology Corp. SYNPWM Datasheet HTML 45Page - Feeling Technology Corp. SYNPWM Datasheet HTML 46Page - Feeling Technology Corp. SYNPWM Datasheet HTML 47Page - Feeling Technology Corp. SYNPWM Datasheet HTML 48Page - Feeling Technology Corp. SYNPWM Datasheet HTML 49Page - Feeling Technology Corp. SYNPWM Datasheet HTML 50Page - Feeling Technology Corp. SYNPWM Datasheet HTML 51Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.47/FM8P73B
FEELING
TECHNOLOGY
Sym
Description
Conditions
Min.
Typ.
Max.
Unit
IADC
A/D Operation Current
Vdd = 5V, Fcpu=Fosc/4
500
uA
Vdd = 3V, Fcpu=Fosc/4
100
TAD
A/D clock period
8
us
TADC
A/D Conversion Time
20
TAD
TADCS
A/D Sampling Time
8
TAD
ISB
Power down current
Sleep mode, Vdd=5V, WDT enable,
LVDT off
11
uA
Sleep mode, Vdd=5V, WDT disable,
LVDT off
1
Sleep mode, Vdd=3V, WDT enable,
LVDT off
2
Sleep mode, Vdd=3V, WDT disable,
LVDT off
1
IDD1
Operating current
IRC mode, vdd=5V, 4 clock instruction
0.95
mA
IDD2
Operating current
IRC mode, vdd=5V, 2 clock instruction
1.4
mA
IDD3
Operating current
IRC mode, vdd=3V, 4 clock instruction
0.5
mA
IDD4
Operating current
IRC mode, vdd=3V, 2 clock instruction
0.7
mA
IDD5
Operating current
HF mode, vdd=5V, 4 clock instruction
mA
20MHz
4
IDD6
Operating current
HF mode, vdd=5V, 2 clock instruction
mA
20MHz
5
IDD7
Operating current
HF mode, vdd=3V, 4 clock instruction
mA
20MHZ
1.6
IDD8
Operating current
XT mode, Vdd=5V, 4 clock instruction
10MHz
2.3
mA
4MHz
1.2
IDD9
Operating current
XT mode, Vdd=5V, 2 clock instruction
mA
10MHz
3.5
4MHz
1.6
IDD10
Operating current
XT mode, Vdd=3V, 4 clock instruction
mA
10MHz
1
4MHz
0.5
IDD11
Operating current
XT mode, Vdd=3V, 2 clock instruction
mA
10MHz
1.4
4MHz
0.7
IDD
Operating current
LF mode, Vdd=5V, 4 clock instruction
uA
32KHz
32
IDD12
Operating current
LF mode, Vdd=5V, 2 clock instruction
uA
32KHz
36
IDD13
Operating current
LF mode, Vdd=3V, 4 clock instruction
uA
32KHz
8
IDD14
Operating current
LF mode, Vdd=3V, 2 clock instruction
uA
32KHz
10
VPWM
Operating voltage
HF mode, Clock source = FOSC x2
V
16MHz
4.3
8MHz
2.5
4MHz
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com