Electronic Components Datasheet Search
  English  ▼

X  

SYNPWM Datasheet(PDF) 42 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 42 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 38Page - Feeling Technology Corp. SYNPWM Datasheet HTML 39Page - Feeling Technology Corp. SYNPWM Datasheet HTML 40Page - Feeling Technology Corp. SYNPWM Datasheet HTML 41Page - Feeling Technology Corp. SYNPWM Datasheet HTML 42Page - Feeling Technology Corp. SYNPWM Datasheet HTML 43Page - Feeling Technology Corp. SYNPWM Datasheet HTML 44Page - Feeling Technology Corp. SYNPWM Datasheet HTML 45Page - Feeling Technology Corp. SYNPWM Datasheet HTML 46Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.42/FM8P73B
FEELING
TECHNOLOGY
MOVIA
Move Immediate to ACC
Syntax:
MOVIA I
Operands:
0
I 0xFF
Operation:
I  ACC
Status Affected:
None
Description:
The 8-bit immediate ‘I’ is loaded into the ACC register. The don’t cares will assemble as 0s.
Cycles:
1
MOVR
Move R
Syntax:
MOVR R, d
Operands:
0
R 0x6F
d
[0,1]
Operation:
R  dest
Status Affected:
Z
Description:
The contents of register ‘R’ is moved to destination ‘d’. If ‘d’ is 0, destination is the ACC
register. If ‘d’ is 1, the destination is file register ‘R’. ‘d’ is 1 is useful to test a file register
since status flag Z is affected.
Cycles:
1
NOP
No Operation
Syntax:
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Description:
No operation.
Cycles:
1
RETFIE
Return from Interrupt, Set ‘GIE’ Bit
Syntax:
RETFIE
Operands:
None
Operation:
Top of Stack  PC
1  GIE
Status Affected:
None
Description:
The program counter is loaded from the top of the stack (the return address). The ‘GIE’ bit
is set to 1. This is a two-cycle instruction.
Cycles:
2
RETIA
Return with Immediate in ACC
Syntax:
RETIA I
Operands:
0
I 0xFF
Operation:
I  ACC;
Top of Stack  PC
Status Affected:
None
Description:
The ACC register is loaded with the 8-bit immediate ‘I’. The program counter is loaded from
the top of the stack (the return address). This is a two-cycle instruction.
Cycles:
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com