Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 106 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 106 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 102Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 103Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 104Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 105Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 106Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 107Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 108Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 109Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 110Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 117 page
background image
!
14. Sniffer Introduction
14.
Sniffer Introduction
14.1. Sniffer Introduction
ESP8266 can enter promiscuous mode (sniffer) and capture IEEE 802.11 packets in the air.
The following HT20 packets are support:
•
802.11b
•
802.11g
•
802.11n (from MCS0 to MCS7)
•
AMPDU types of packets
The following are not supported:
•
HT40
•
LDPC
Although ESP8266 can not completely decipher these kinds of IEEE80211 packets
completely, it can still obtain the length of these special packets.
In summary, while in sniffer mode, ESP8266 can either capture completely the packets or
obtain the length of the packet:
•
Packets that ESP8266 can decipher completely; ESP8266 returns with the
- MAC address of the both side of communication and encryption type and
- the length of entire packet.
•
Packets that ESP8266 can only partial decipher; ESP8266 returns with
- the length of packet.
Structure RxControl and sniffer_buf are used to represent these two kinds of packets.
Structure sniffer_buf contains structure RxControl.
struct RxControl {
signed rssi:8;
// signal intensity of packet
unsigned rate:4;
unsigned is_group:1;
unsigned:1;
unsigned sig_mode:2;
// 0:is not 11n packet; non-0:is 11n
packet;
unsigned legacy_length:12; // if not 11n packet, shows length of
packet.
unsigned damatch0:1;
unsigned damatch1:1;
Espressif
! /!
98 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com