Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 108 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 108 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 104Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 105Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 106Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 107Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 108Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 109Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 110Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 111Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 112Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
!
14. Sniffer Introduction
};
struct sniffer_buf2{
struct RxControl rx_ctrl;
u8 buf[112]; //may be 240, please refer to the real source code
u16 cnt;
u16 len;
//length of packet
};
Callback wifi_promiscuous_rx has two parameters (buf and len). len means the
length of buf, it can be: len = sizeof(struct sniffer_buf2), len = X * 10, len = sizeof(struct
RxControl):
Case of LEN == sizeof (struct sniffer_buf2)
•
buf contains structure sniffer_buf2: it is the management packet, it has 112
Bytes data.
•
sniffer_buf2.cnt is 1.
•
sniffer_buf2.len is the length of packet.
Case of LEN == X * 10
• buf contains structure sniffer_buf: this structure is reliable, data packets
represented by it has been verified by CRC.
•
sniffer_buf.cnt means the count of packets in buf. The value of len depends
on sniffer_buf.cnt.
- sniffer_buf.cnt==0, invalid buf; otherwise, len = 50 + cnt * 10
• sniffer_buf.buf contains the first 36 Bytes of IEEE80211 packet. Starting from
sniffer_buf.lenseq[0], each structure lenseq represent a length information of
packet. lenseq[0] represents the length of first packet. If there are two packets
where (sniffer_buf.cnt == 2), lenseq[1] represents the length of second
packet.
•
If sniffer_buf.cnt > 1, it is a AMPDU packet, head of each MPDU packets are
similar, so we only provide the length of each packet (from head of MAC packet to
FCS)
•
This structure contains: length of packet, MAC address of both sides of
communication, length of the head of packet.
Case of LEN == sizeof(struct RxControl)
•
buf contains structure RxControl; but this structure is not reliable, we can not get
neither MAC address of both sides of communication nor length of the head of
packet.
•
For AMPDU packet, we can not get the count of packets or the length of packet.
Espressif
!
/!
100 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com