Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 111 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 111 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 107Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 108Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 109Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 110Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 111Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 112Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 113Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 114Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 115Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 117 page
background image
!
14. Sniffer Introduction
14.3. Phone APP
For Scenario 2, phone APP should notice:
•
Time interval of each UDP packet to be longer than 20ms
•
Two data packets can be separated by a specific packet. The specific packet works
like separative sign.
•
Packet with redundant data so that packet can verify each other.
•
Set flag-packet at the beginning of sequence. Then phone APP can be cyclic
sending the whole sequence.
•
Only need to send the lowest 2 Bytes of AP’s BSSID ( MAC address ), IOT-device can
still get it. If AP will broadcast its SSID, then phone APP need not to send AP’s SSID
either. So AP beacon need to be analyzed to check if the AP will broadcast its SSID.
•
Length of UDP packet need to be multiply by 4. Because when phone APP sent a
AMPDU packet which only has one sub-frame, packet length will be filled to be a
multiple of 4.
For Scenario 1, phone APP can send packets as fast as possible.
Phone APP won’t know it is Scenario 1 or Scenario 2 for IOT_device.
14.4. IOT-device Firmware
For Scenario 2, IOT-device should notice:
•
Search the channel which has strongest signal first, according to RSSI.
•
Filter useless packets according to RSSI. Considering 10 ~ 15db fluctuations in the
air, some packets may be decline 10db or more. We could search the strongest
signal at first, then extend the range since find the target sequence.
•
Check the Aggregation bit of HT-SIG to distinguish AMPDU packet.
•
AMPDU packet can only be encrypt by CCMP(AES).
•
To design the length of packet that works as separative sign, different QoS, different
encryption algorithm and AMPDU packet will be a multiple of 4, all of these should be
taken into consideration.
•
Use relative value to transmit information, for example, the value that the length of
data packet minus the length of packet that works as separative sign.
Espressif
!
/!
103 104
2017.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com