Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 115 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 115 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 109Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 110Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 111Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 112Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 113Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 114Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 115Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 116Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 117Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
Appendix 3
UART Registers
Address
RegName
Signal
BitPos
Default
SW(R/W) Description
0x0
UART_FIFO
[31:8]
24'h0
RO
UART FIFO,length 128
rxfifo_rd_byte
[7:0]
8'b0
RO
R/W share the same address
0x4
UART_INT_RAW
UART_INT_RAW
UART INTERRUPT RAW STATE
rxfifo_tout_int_raw
[8]
1'b0
RO
The interrupt raw bit for Rx time-out interrupt(depands on the
UART_RX_TOUT_THRHD)
brk_det_int_raw
[7]
1'b0
RO
The interrupt raw bit for Rx byte start error
cts_chg_int_raw
[6]
1'b0
RO
The interrupt raw bit for CTS changing level
dsr_chg_int_raw
[5]
1'b0
RO
The interrupt raw bit for DSR changing level
rxfifo_ovf_int_raw
[4]
1'b0
RO
The interrupt raw bit for rx fifo overflow
frm_err_int_raw
[3]
1'b0
RO
The interrupt raw bit for other rx error
parity_err_int_raw
[2]
1'b0
RO
The interrupt raw bit for parity check error
txfifo_empty_int_raw
[1]
1'b0
RO
The interrupt raw bit for tx fifo empty interrupt(depands on
UART_TXFIFO_EMPTY_THRHD bits)
rxfifo_full_int_raw
[0]
1'b0
RO
The interrupt raw bit for rx fifo full interrupt(depands on
UART_RXFIFO_FULL_THRHD bits)
0x8
UART_INT_ST
UART_INT_ST
UART INTERRUPT STATE
REGISTER UART_INT_RAW&UART_INT_ENA
rxfifo_tout_int_st
[8]
1'b0
RO
The interrupt state bit for Rx time-out event
brk_det_int_st
[7]
1'b0
RO
The interrupt state bit for rx byte start error
cts_chg_int_st
[6]
1'b0
RO
The interrupt state bit for CTS changing level
dsr_chg_int_st
[5]
1'b0
RO
The interrupt state bit for DSR changing level
rxfifo_ovf_int_st
[4]
1'b0
RO
The interrupt state bit for RX fifo overflow
frm_err_int_st
[3]
1'b0
RO
The interrupt state for other rx error
parity_err_int_st
[2]
1'b0
RO
The interrupt state bit for rx parity error
txfifo_empty_int_st
[1]
1'b0
RO
The interrupt state bit for TX fifo empty
rxfifo_full_int_st
[0]
1'b0
RO
The interrupt state bit for RX fifo full event
0xC
UART_INT_ENA
UART_INT_ENA
UART INTERRUPT ENABLE REGISTER
rxfifo_tout_int_ena
[8]
1'b0
R/W
The interrupt enable bit for rx time-out interrupt
brk_det_int_ena
[7]
1'b0
R/W
The interrupt enable bit for rx byte start error
cts_chg_int_ena
[6]
1'b0
R/W
The interrupt enable bit for CTS changing level
dsr_chg_int_ena
[5]
1'b0
R/W
The interrupt enable bit for DSR changing level
rxfifo_ovf_int_ena
[4]
1'b0
R/W
The interrupt enable bit for rx fifo overflow
frm_err_int_ena
[3]
1'b0
R/W
The interrupt enable bit for other rx error
parity_err_int_ena
[2]
1'b0
R/W
The interrupt enable bit for parity error
txfifo_empty_int_ena
[1]
1'b0
R/W
The interrupt enable bit for tx fifo empty event
rxfifo_full_int_ena
[0]
1'b0
R/W
The interrupt enable bit for rx fifo full event
0x10
UART_INT_CLR
UART_INT_CLR
UART INTERRUPT CLEAR REGISTER
rxfifo_tout_int_clr
[8]
1'b0
WO
Set this bit to clear the rx time-out interrupt
brk_det_int_clr
[7]
1'b0
WO
Set this bit to clear the rx byte start interrupt
cts_chg_int_clr
[6]
1'b0
WO
Set this bit to clear the CTS changing interrupt
dsr_chg_int_clr
[5]
1'b0
WO
Set this bit to clear the DSR changing interrupt
rxfifo_ovf_int_clr
[4]
1'b0
WO
Set this bit to clear the rx fifo over-flow interrupt
frm_err_int_clr
[3]
1'b0
WO
Set this bit to clear other rx error interrupt
parity_err_int_clr
[2]
1'b0
WO
Set this bit to clear the parity error interrupt
txfifo_empty_int_clr
[1]
1'b0
WO
Set this bit to clear the tx fifo empty interrupt
rxfifo_full_int_clr
[0]
1'b0
WO
Set this bit to clear the rx fifo full interrupt
0x14
UART_CLKDIV
UART_CLKDIV
UART CLK DIV REGISTER
uart_clkdiv
[19:0]
20'h2B6
R/W
BAUDRATE = UART_CLK_FREQ / UART_CLKDIV
0x18
UART_AUTOBAUD
UART_AUTOBAUD
UART BAUDRATE DETECT REGISTER
glitch_filt
[15:8]
8'h10
R/W
[7:1]
7'h0
RO
autobaud_en
[0]
1'b0
R/W
Set this bit to enable baudrate detect
UART_ST
ATUS
UART_STATUS
UART_STATUS
UART STATUS REGISTER
txd
[31]
8'h0
RO
The level of the uart txd pin
rtsn
[30]
1'b0
RO
The level of uart rts pin
dtrn
[29]
1'b0
RO
The level of uart dtr pin
[28:14]
5'b0
RO
txfifo_cnt
[23:16]
8'b0
RO
Number of data in UART TX fifo
rxd
[15]
1'b0
RO
The level of uart rxd pin
ctsn
[14]
1'b0
RO
The level of uart cts pin
dsrn
[13]
1'b0
RO
The level of uart dsr pin
[12:8]
5'b0
RO
rxfifo_cnt
[7:0]
8'b0
RO
Number of data in uart rx fifo
0x20
UART_CONF0
UART_CONF0
UART CONFIG0(UART0 and UART1)
uart_dtr_inv
[24]
1'h0
R/W
Set this bit to inverse uart dtr level
uart_rts_inv
[23]
1'h0
R/W
Set this bit to inverse uart rts level
uart_txd_inv
[22]
1'h0
R/W
Set this bit to inverse uart txd level
uart_dsr_inv
[21]
1'h0
R/W
Set this bit to inverse uart dsr level
uart_cts_inv
[20]
1'h0
R/W
Set this bit to inverse uart cts level
uart_rxd_inv
[19]
1'h0
R/W
Set this bit to inverse uart rxd level
txfifo_rst
[18]
1'h0
R/W
Set this bit to reset uart tx fifo
rxfifo_rst
[17]
1'h0
R/W
Set this bit to reset uart rx fifo
tx_flow_en
[15]
1'b0
R/W
Set this bit to enable uart tx hardware flow control
uart_loopback
[14]
1'b0
R/W
Set this bit to enable uart loopback test mode
txd_brk
[8]
1'b0
R/W
RESERVED, DO NOT CHANGE THIS BIT
sw_dtr
[7]
1'b0
R/W
sw dtr
sw_rts
[6]
1'b0
R/W
sw rts
stop_bit_num
[5:4]
2'd1
R/W
Set stop bit: 1:1bit 2:1.5bits 3:2bits
bit_num
[3:2]
2'd3
R/W
Set bit num: 0:5bits 1:6bits 2:7bits 3:8bits
parity_en
[1]
1'b0
R/W
Set this bit to enable uart parity check
parity
[0]
1'b0
R/W
Set parity check: 0:even 1:odd
UART_CONF1
UART CONFIG1
0x24
UART_CONF1
rx_tout_en
[31]
1'b0
R/W
Set this bit to enable rx time-out function
rx_tout_thrhd
[30:24]
7'b0
R/W
Config bits for rx time-out threshold,uint: byte,0-127
rx_flow_en
[23]
1'b0
R/W
Set this bit to enable rx hardware flow control
rx_flow_thrhd
[22:16]
7'h0
R/W
The config bits for rx flow control threshold,0-127
[15]
1'b0
RO
txfifo_empty_thrhd
[14:8]
7'h60
R/W
The config bits for tx fifo empty threshold,0-127
[7]
1'b0
RO
rxfifo_full_thrhd
[6:0]
7'h60
R/W
The config bits for rx fifo full threshold,0-127
0x28
UART_LOWPULSE
UART_LOWPULSE
lowpulse_min_cnt
[19:0]
20'hFFFF
F
RO
used in baudrate detect
0x2C
UART_HIGHPULSE
UART_HIGHPULSE
highpulse_min_cnt
[19:0]
20'hFFFF
F
RO
used in baudrate detect
0x30
UART_RXD_CNT
rxd_edge_cnt
[9:0]
10'h0
RO
used in baudrate detect
0x78
UART_DATE
uart_date
[31:0]
32'h0620
00
R/W
UART HW INFO
0x7C
UART_ID
uart_id
[31:0]
32'h0500 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com