Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 116 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 116 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 109Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 110Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 111Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 112Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 113Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 114Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 115Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 116Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 117Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 116 / 117 page
background image
Appendix 4
Timer Registers
Address RegName
Signal
BitPos Default
SW(R/W) Description
0x0
FRC1_LOAD_ADDRESS
frc1_load_value
[22:0] 23'b0
R/W
the load value into the counter
0x4
FRC1_COUNT_ADDRESS frc1_count
[22:0] 23'h7fffff RO
the current value of the counter. It is a decreasing
counter.
0x8
FRC1_CTRL_ADDRESS
[31:9] 23'b0
RO
frc1_int
[8]
1'b0
RO
the status of the interrupt, when the count is
dereased to zero
frc1_ctrl
[7:0]
8'b0
R/W
bit[7]: timer enable
bit[6]: automatically reload, when the counter is
equal to zero
bit[3:2]: prescale-divider, 0: divided by 1, 1: divided
by 16, 2 or 3: divided by 256
bit[0]: interrupt type, 0:edge, 1:level
0xC
FRC1_INT_ADDRESS
[31:1] 30'b0
RO
frc1_int_clr_mask [0]
1'b0
R/W
write to clear the status of the interrupt, if the
interrupt type is "level"
0x20
FRC2_LOAD_ADDRESS
frc2_load_value
[31:0] 32'b0
R/W
the load value into the counter
0x24
FRC2_COUNT_ADDRESS frc2_count
[31:0] 32'b1
RO
the current value of the counter. It is a increasing
counter.
0x28
FRC2_CTRL_ADDRESS
[31:9] 23'b0
RO
frc2_int
[8]
1'b0
RO
the status of the interrupt, when the count is equal to
the alarm value
frc2_ctrl
[7:0]
8'b0
R/W
bit[7]: timer enable
bit[6]: automatically reload, when the counter is
equal to zero
bit[3:2]: prescale-divider, 0: divided by 1, 1: divided
by 16, 2 or 3: divided by 256
bit[0]: interrupt type, 0:edge, 1:level
0x2C
FRC2_INT_ADDRESS
[31:1] 30'b0
RO
frc2_int_clr_mask [0]
1'b0
R/W
write to clear the status of the interrupt, if the
interrupt type is "level"
0x30
FRC2_ALARM_ADDRESS frc2_alarm
[31:0] 32'b0
R/W
the alarm value for the counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com