Electronic Components Datasheet Search
  English  ▼

X  

ESP8266 Datasheet(PDF) 113 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266
Description  General Purpose Input/Output Interface (GPIO)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266 Datasheet(HTML) 113 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266 Datasheet HTML 109Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 110Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 111Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 112Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 113Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 114Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 115Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 116Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266 Datasheet HTML 117Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 113 / 117 page
background image
Appendix 1
GPIO Registers
GPIO Base Address
0x60000300
GPIO RegAddr = PERIPHS_GPIO_BASEADDR+ (OFFSET*4)
NU
M
OFFSET
RegAddr
RegName
Signal
BitPos
SW(R/W)
Description
0
0x0000
0x60000300 GPIO_OUT
GPIO_BT_SEL
[31:16]
R/W
BT-Coexist Selection register
GPIO_OUT_DATA
[15:0]
R/W
The output value when the GPIO pin is set as output.
1
0x0001
0x60000304 GPIO_OUT_W1TS
[31:16]
GPIO_OUT_DATA_W1TS
[15:0]
WO
Writing 1 into a bit in this register will set the related bit in GPIO_OUT_DATA
2
0x0002
0x60000308 GPIO_OUT_W1TC
[31:16]
GPIO_OUT_DATA_W1TC
[15:0]
WO
Writing 1 into a bit in this register will clear the related bit in GPIO_OUT_DATA
3
0x0003
0x6000030C GPIO_ENABLE
[31:22]
GPIO_SDIO_SEL
[21:16]
R/W
SDIO-dis selection register
GPIO_ENABLE_DATA
[15:0]
R/W
The output enable register.
4
0x0004
0x60000310 GPIO_ENABLE_W1TS
[31:16]
GPIO_ENABLE_DATA_W1TS
[15:0]
WO
Writing 1 into a bit in this register will set the related bit in GPIO_ENABLE_DATA
5
0x0005
0x60000314 GPIO_ENABLE_W1TC
[31:16]
GPIO_ENABLE_DATA_W1TC
[15:0]
WO
Writing 1 into a bit in this register will clear the related bit in GPIO_ENABLE_DATA
6
0x0006
0x60000318 GPIO_IN
GPIO_STRAPPING
[31:16]
The values of the strapping pins.
GPIO_IN_DATA
[15:0]
The values of the GPIO pins when the GPIO pin is set as input.
7
0x0007
0x6000031C GPIO_STATUS
[31:16]
GPIO_STATUS_INTERRUPT
[15:0]
R/W
Interrupt enable register.
8
0x0008
0x60000320 GPIO_STATUS_W1TS
[31:16]
GPIO_STATUS_INTERRUPT_W1TS
[15:0]
WO
Writing 1 into a bit in this register will set the related bit in GPIO_STATUS_INTERRUPT
9
0x0009
0x60000324 GPIO_STATUS_W1TC
[31:16]
GPIO_STATUS_INTERRUPT_W1TC
[15:0]
WO
Writing 1 into a bit in this register will clear the related bit in GPIO_STATUS_INTERRUPT
10
0x000a
0x60000328 GPIO_PIN0
[31:11]
GPIO_PIN0_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN0_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN0_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN0_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
11
0x000b
0x6000032C GPIO_PIN1
[31:11]
GPIO_PIN1_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN1_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN1_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN1_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
12
0x000c
0x60000330 GPIO_PIN2
[31:11]
GPIO_PIN2_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN2_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN2_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN2_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
13
0x000d
0x60000334 GPIO_PIN3
[31:11]
GPIO_PIN3_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN3_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN3_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN3_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
14
0x000e
0x60000338 GPIO_PIN4
[31:11]
GPIO_PIN4_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN4_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN4_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN4_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
15
0x000f
0x6000033C GPIO_PIN5
[31:11]
GPIO_PIN5_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN5_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN5_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN5_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
16
0x0010
0x60000340 GPIO_PIN6
[31:11]
GPIO_PIN6_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN6_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN6_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN6_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
17
0x0011
0x60000344 GPIO_PIN7
[31:11]
GPIO_PIN7_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN7_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN7_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN7_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
18
0x0012
0x60000348 GPIO_PIN8
[31:11]
GPIO_PIN8_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN8_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN8_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN8_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
19
0x0013
0x6000034C GPIO_PIN9
[31:11]
GPIO_PIN9_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN9_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN9_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN9_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
20
0x0014
0x60000350 GPIO_PIN10
[31:11]
GPIO_PIN10_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN10_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN10_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN10_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
21
0x0015
0x60000354 GPIO_PIN11
[31:11]
GPIO_PIN11_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN11_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN11_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN11_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
22
0x0016
0x60000358 GPIO_PIN12
[31:11]
GPIO_PIN12_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN12_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN12_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN12_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
23
0x0017
0x6000035C GPIO_PIN13
[31:11]
GPIO_PIN13_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN13_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN13_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN13_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
24
0x0018
0x60000360 GPIO_PIN14
[31:11]
GPIO_PIN14_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN14_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN14_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN14_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
25
0x0019
0x60000364 GPIO_PIN15
[31:11]
GPIO_PIN15_WAKEUP_ENABLE
[10]
R/W
0: disable; 1: enable GPIO wakeup CPU, only when GPIO_PIN0_INT_TYPE is 0x4 or 0x5
GPIO_PIN15_INT_TYPE
[9:7]
R/W
0: disable; 1: positive edge; 2: negative edge; 3: both types of edge; 4: low-level; 5: high-
level
[6:3]
GPIO_PIN15_DRIVER
[2]
R/W
1: open drain; 0: normal
[1]
GPIO_PIN15_SOURCE
[0]
R/W
1: sigma-delta; 0: GPIO_DATA
26
0x001a
0x60000368 GPIO_SIGMA_DELTA
[31:17]
SIGMA_DELTA_ENABLE
[16]
R/W
1: enable sigma-delta; 0: disable
SIGMA_DELTA_PRESCALAR
[15:8]
R/W
Clock pre-divider for sigma-delta.
SIGMA_DELTA_TARGET
[7:0]
R/W
target level of the sigma-delta. It is a signed byte.
27
0x001b
0x6000036C GPIO_RTC_CALIB_SYNC
RTC_CALIB_START
[31]
R/W
Positvie edge of this bit will trigger the RTC-clock-calibration process.
[30:10]
RTC_PERIOD_NUM
[9:0]
R/W
The cycle number of RTC-clock during RTC-clock-calibration
28
0x001c
0x60000370 GPIO_RTC_CALIB_VALUE RTC_CALIB_RDY
[31]
0: during RTC-clock-calibration; 1: RTC-clock-calibration is done
RTC_CALIB_RDY_REAL
[30]
0: during RTC-clock-calibration; 1: RTC-clock-calibration is done
[29:20]
RTC_CALIB_VALUE
[19:0]
The cycle number of clk_xtal (crystal clock) for the RTC_PERIOD_NUM cycles of RTC-
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com