Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 33 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 29Page - Semtech Corporation GS3281 Datasheet HTML 30Page - Semtech Corporation GS3281 Datasheet HTML 31Page - Semtech Corporation GS3281 Datasheet HTML 32Page - Semtech Corporation GS3281 Datasheet HTML 33Page - Semtech Corporation GS3281 Datasheet HTML 34Page - Semtech Corporation GS3281 Datasheet HTML 35Page - Semtech Corporation GS3281 Datasheet HTML 36Page - Semtech Corporation GS3281 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
33 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Matrix-Scan Procedure:
1. Set the bounds of the matrix-scan with the offset and step parameters described in
Table 4-5. The default value results in a full matrix-scan. Alternatively, the
shape-scan can be executed and the coordinates returned can be used to minimize
the scan time and data size of the scan.
2. Configure the 4-point error rate threshold by setting each of the parameters listed
in Table 4-6.
3. Configure the eye monitor to run a matrix-scan by setting
CTRL_EYE_SHAPE_SCAN_B to 0.
4. Start the scan and poll the scanner status register until the scan is complete. Please
refer to the flow diagram in Figure 4-10.
Read Eye Scan Buffer Procedure:
1. Host reads image size from STAT_EYE_IMAGE_SIZE.
Note: The matrix-scan is composed of multiple partial scan segments. The size (in
Bytes) of the last partial scan segment is stored in STAT_EYE_IMAGE_SIZE.
2. Host reads scan buffer data from register 0x6CC1 to (0x6CC1 + (size read from
STAT_EYE_IMAGE_SIZE)/2).
Address 0x6CC1 is the first header word corresponding to the last vertical offset
position in the matrix that was read.
Address 0x6CC2 is the second header word corresponding to the image size.
This value is a copy of the image size that was read from
STAT_EYE_IMAGE_SIZE.
Address 0x6CC3 to (0x6CC1 + (size read from STAT_EYE_IMAGE_SIZE)/2) is the
eye scan data.
The image data is 2 bytes per sample point.
Making reference to the Matrix shown in Figure 4-6, the eye scan data
starting at 0x6CC3 is stored in order from left to right, top to bottom, from
the last stored vertical/horizontal position in the matrix.
The number of samples contained in the scan buffer is equal to (size read from
STAT_EYE_IMAGE_SIZE - 4)/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com