Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 68 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 68 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 64Page - Semtech Corporation GS3281 Datasheet HTML 65Page - Semtech Corporation GS3281 Datasheet HTML 66Page - Semtech Corporation GS3281 Datasheet HTML 67Page - Semtech Corporation GS3281 Datasheet HTML 68Page - Semtech Corporation GS3281 Datasheet HTML 69Page - Semtech Corporation GS3281 Datasheet HTML 70Page - Semtech Corporation GS3281 Datasheet HTML 71Page - Semtech Corporation GS3281 Datasheet HTML 72Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
68 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Trace Equalizer Configuration
14
RSVD
RSVD
15:0
R/W
303
Reserved - do not modify.
15
RSVD
RSVD
15:0
R/W
0
Reserved - do not modify.
16
RSVD
RSVD
15:0
R/W
4002
Reserved - do not modify.
17
RSVD
RSVD
15:0
R/W
1
Reserved - do not modify.
18
RSVD
RSVD
15:0
R/W
50
Reserved - do not modify.
19
RSVD
RSVD
15:0
R/W
1
Reserved - do not modify.
1A
RSVD
RSVD
15:0
R/W
14
Reserved - do not modify.
1B
RSVD
RSVD
15:0
R/W
1
Reserved - do not modify.
1C
RSVD
RSVD
15:0
R/W
4
Reserved - do not modify.
1D
RSVD
RSVD
15:0
R/W
0
Reserved - do not modify.
1E
TREQ0_
INPUT_BOOST
RSVD
15:5
R/W
0
Reserved - do not modify.
CFG_TREQ0_BOOST
4:1
R/W
2
Trace equalizer boost setting for TEQ
(Trace Equalizer):
0 = Bypass equalization stage
1 to 8 = 1 to 17dB of insertion loss at
1.485GHz (see Figure 4-1).
Bypass is the minimum boost setting;
boost 8 is maximum boost setting.
CFG_TREQ0_
CD_BOOST
0R/W
0
Selects boost level applied to DDI input
signal for carrier detection function
only.
0 = Sets to boost 8 (See Figure 4-1)
1 = Use CFG_TREQ0_BOOST setting
1F
TREQ0_CD_
HYSTERESIS
RSVD
15:8
R/W
0
Reserved - do not modify.
CFG_TREQ0_CD_
ASSERT_THRESH
7:4
R/W
4
Sets assert threshold for trace equalizer
carrier detect
0 to15d, where 0 is minimum threshold
and 15d is maximum threshold (see
Figure 4-2).
CFG_TREQ0_CD_
DEASSERT_THRESH
3:0
R/W
3
Sets deassert threshold for trace
equalizer carrier detect
0 to15d, where 0 is minimum threshold
and 15d is maximum threshold (see
Figure 4-2).
20
RSVD
RSVD
15:0
R/W
3
Reserved - do not modify.
21
RSVD
RSVD
15:0
R/W
F
Reserved - do not modify.
22
RSVD
RSVD
15:0
R/W
3FF
Reserved - do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com