Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 24Page - Semtech Corporation GS3281 Datasheet HTML 25Page - Semtech Corporation GS3281 Datasheet HTML 26Page - Semtech Corporation GS3281 Datasheet HTML 27Page - Semtech Corporation GS3281 Datasheet HTML 28Page - Semtech Corporation GS3281 Datasheet HTML 29Page - Semtech Corporation GS3281 Datasheet HTML 30Page - Semtech Corporation GS3281 Datasheet HTML 31Page - Semtech Corporation GS3281 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
28 of 97
Semtech
Proprietary & Confidential
www.semtech.com
The vertical and horizontal scan information is useful when adjusting pre-emphasis and
equalization of a link. However, once this is accomplished, it may be sufficient to use the
eye scanner to only monitor jitter by setting the offsets to simply slice the eye at the
centre offset position, thus obtaining a simple 128 sample horizontal scan. A horizontal
eye can be configured to run in just over a millisecond.
In addition to the spatial parameters, the sample time, and thus the bit error rate
resolution for the eye scan can be adjusted; longer scans can detect finer bit error rates.
However, this proportionally increases the total scan time. The sample time in
microseconds is determined by a 32-bit time-out value split across two 16 bit registers.
See Table 4-6 for the register addresses and parameter names of the time-out eye scan
parameters.
For example, using the default spatial and temporal measurement scan parameters, the
scan time is approximately 6.6 seconds (32768 x 2 x100μs). However, by changing the
vertical and horizontal step size to 4, the scan time can be reduced to 400ms
(2048x2x100μs).
The error count information can be used as is to determine the minimum inner contour
based on the measurement time. However, the basic data can be post processed to
determine things like error rate, and error threshold.
The following equations provide guidance for user post-processing:
Equation 4-1
Contour maps can be created by defining error rate thresholds, and grouping sampled
points that fall between thresholds.
For example:
Equation 4-2
Some sampling scopes provide eye maps with BER contours; similar limited BER contour
approximations can be obtained from the eye scan by using BER threshold groups.
For example:
Equation 4-3
error
1rate
sample
1error1count
sample
1time
--------------------------------------------------------------
=
sample
1time
error
1rate1threshold11
------------------------------------------------------------------------ sample1error1threshold
sample
1time
error
1rate1threshold12
------------------------------------------------------------------------

sample
1time1x1data1rate
error
1rate1threshold11
------------------------------------------------------------------------------- sample1error1threshold sample1time1x1data1rate
error
1rate1threshold12
-------------------------------------------------------------------------------




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com