Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 89 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 89 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 85Page - Semtech Corporation GS3281 Datasheet HTML 86Page - Semtech Corporation GS3281 Datasheet HTML 87Page - Semtech Corporation GS3281 Datasheet HTML 88Page - Semtech Corporation GS3281 Datasheet HTML 89Page - Semtech Corporation GS3281 Datasheet HTML 90Page - Semtech Corporation GS3281 Datasheet HTML 91Page - Semtech Corporation GS3281 Datasheet HTML 92Page - Semtech Corporation GS3281 Datasheet HTML 93Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
89 of 97
Semtech
Proprietary & Confidential
www.semtech.com
87
CURRENT_
STATUS_1
STAT_OUTPUT1_
DISABLE
15
RO
—
Cable driver output1 (SDO1) disable
status:
0 = SDO1 is not disabled
1 = SDO1 is disabled
STAT_OUTPUT0_
DISABLE
14
RO
—
Cable driver output0 (SDO0) disable
status:
0 = SDO0 is not disabled
1 = SDO0 is disabled
STAT_OUTPUT1_
MUTE
13
RO
—
Cable driver output1 (SDO1) mute
status:
0 = SDO1 is not muted
1 = SDO1 is muted
STAT_OUTPUT0_
MUTE
12
RO
—
Cable driver output0 (SDO0) mute
status:
0 = SDO0 is not muted
1 = SDO0 is muted
STAT_OUTPUT1_
RETIMER_BYPASS
11
RO
—
Cable driver output1 (SDO1) re-timer
status:
0 = Retimer path to SDO1 is not
bypassed
1 = Retimer path to SDO1 is bypassed
STAT_OUTPUT0_
RETIMER_BYPASS
10
RO
—
Cable driver output0 (SDO0) re-timer
status:
0 = Retimer path to SDO0 is not
bypassed
1 = Retimer path to SDO0 is bypassed
RSVD
9
RO
—
Reserved
STAT_PRI_CD
8
RO
—
Primary carrier detection status.
0 = Primary carrier is not detected
1 = Primary carrier is detected
RSVD
7
RO
—
Reserved
STAT_OUTPUT1_
SLEW_RATE
6:5
RO
—
The current slew rate of cable driver
output1 (SDO1):
0 = SD/MADI slew
1 = HD/3G slew
2 = Bypass slew
STAT_OUTPUT0_
SLEW_RATE
4:3
RO
—
The current slew rate of cable driver
output0 (SDO0):
0 = SD/MADI slew
1 = HD/3G slew
2 = Bypass slew
Table 5-4: Status Register Descriptions (Continued)
Address
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com