Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 41 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 37Page - Semtech Corporation GS3281 Datasheet HTML 38Page - Semtech Corporation GS3281 Datasheet HTML 39Page - Semtech Corporation GS3281 Datasheet HTML 40Page - Semtech Corporation GS3281 Datasheet HTML 41Page - Semtech Corporation GS3281 Datasheet HTML 42Page - Semtech Corporation GS3281 Datasheet HTML 43Page - Semtech Corporation GS3281 Datasheet HTML 44Page - Semtech Corporation GS3281 Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
41 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.7.5 Output State Control Modes
The GS3281 provides several output state control modes to meet specific application
requirements. The cable driver has the following three output modes: operational,
muted, disabled, or balanced. During non-sleep, if the control modes are configured
such that multiple output modes are enabled, the priorities of the control modes from
highest to lowest are the following: balanced, disabled, and then muted.Section 4.7.5.1
through Section 4.7.5.3 describe how to configure the output control modes that are
enabled during non-sleep. If the device enters sleep, either manually or automatically,
the sleep output control modes take precedence over the non-sleep control modes. The
default cable driver configuration is for it to be disabled during sleep; however the cable
driver can be configured to mute during sleep by setting the
CFG_SLEEP_OUTPUT<n>_MUTE parameter in register 0x5 to 1b.
4.7.5.1 Output Mute Control Mode
Each of the outputs on the GS3281 have independent mute control modes, which can
be configured through the host interface.
The following are the four output mute control modes:
1. The outputs automatically mute on LOS (default).
2. The outputs automatically mute on LOS and during rate search.
3. The outputs never mute.
4. The outputs are always muted.
The first mute control mode is the default power-up configuration for both output
drivers (the CTRL_OUTPUT<n>_AUTO_MUTE control parameter in register 0x49 is set
to 1b). In this mode, the outputs will automatically mute on the assertion of LOS. In
addition to mute on LOS, with auto mute control mode configured, setting the
CTRL_OUTPUT<n>_AUTO_MUTE_DURING_RATE_SEARCH control parameter in
register 0x49 to 1b, will configure the outputs to also mute when the device loses lock
and begins to rate search.
0x30/0x32
OUTPUT_ PARAM_
CD_BYPASS_0/
OUTPUT_ PARAM_
CD_BYPASS_2
CFG_OUTPUT<n>_CD_BYPASS_
PREEMPH_WIDTH
Output pre-emphasis pulse width configuration parameter.
<n> = 0: For Bypass on SDO0.
<n> = 1: For Bypass on SDO1.
CFG_OUTPUT<n>_CD_BYPASS_
PREEMPH_PWRDWN
Output pre-emphasis power down configuration parameter.
<n> = 0: For Bypass on SDO0.
<n> = 1: For Bypass on SDO1.
CFG_OUTPUT<n>_CD_BYPASS_
PREEMPH_AMPL
Output pre-emphasis pulse amplitude configuration parameter.
<n> = 0: For Bypass on SDO0.
<n> = 1: For Bypass on SDO1.
Table 4-8: Output Swing and Pre-Emphasis Control Parameters (Continued)
Register Name and
Addressh
Parameter Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com