Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 17 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 13Page - Semtech Corporation GS3281 Datasheet HTML 14Page - Semtech Corporation GS3281 Datasheet HTML 15Page - Semtech Corporation GS3281 Datasheet HTML 16Page - Semtech Corporation GS3281 Datasheet HTML 17Page - Semtech Corporation GS3281 Datasheet HTML 18Page - Semtech Corporation GS3281 Datasheet HTML 19Page - Semtech Corporation GS3281 Datasheet HTML 20Page - Semtech Corporation GS3281 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
17 of 97
Semtech
Proprietary & Confidential
www.semtech.com
By default at power up or after system reset, the trace equalizer is configured to
compensate for up to 3" of 7-mil stripline in FR4 material at high frequencies.
Note: If using input trace lengths longer than 5", use an upstream launch swing of
~800mVppd
4.2.2 Carrier Detect, and Loss of Signal
The trace equalizer input has a highly configurable Carrier Detection mechanism that
allows the system designer to optimize the sensitivity and hysteresis of the Carrier
Detection mechanism to meet specific system requirements.
Default settings should satisfy most applications; however, designers can modify the
following three parameters to customize the trace equalizer's carrier detection for their
application:
•
CFG_TREQ0_CD_BOOST
•
CFG_TREQ0_CD_ASSERT_THRESH
•
CFG_TREQ0_CD_DEASSERT_THRESH
The trace equalizer Carrier Detect is reported by status parameter STAT_PRI_CD in
register 0x87.
The first CD control parameter is CFG_TREQ0_CD_BOOST in register 0x1E. This
parameter determines the method and therefore the level of equalization to be used on
the input signal routed to the Carrier Detection sub-block. The default value is 0b, which
maximizes the level of equalization. Alternatively, the designer can choose to have this
signal equalized at the same level as the main signal routed to the CDR by setting
CFG_TREQ0_CD_BOOST to 1b. The setting of this parameter has no impact on the main
signal routed to the CDR.
The last two CD control parameters can be found in register 0x1F. Parameters
CFG_TREQ0_CD_ASSERT_THRESH and CFG_TRE0Q_CD_DEASSERT_THRESH set
the Carrier Detect assert and de-assert thresholds to the input signal, which also defines
the hysteresis of CD signal.
The default values of CFG_TREQ0_CD_ASSERT_THRESH and
CFG_TREQ0_CD_DEASSERT_THRESH are is 4d and 3d respectively. With the default
settings, the minimum launch swing needed to assert the carrier detect is 200mV and it
will be de-asserted when the signal level falls below 150mV.
The STAT_PRI_CD (Carrier Detect) parameter will be set to 0b and the LOS will be set to
1b whenever a new signal at the input does not exceed the assert threshold, or an
existing signal falls below the de-assert threshold. The result is that the device will not
indicate lock, and the outputs will mute (assuming Mute on LOS is left to its default value
in the CONTROL_OUTPUT_MUTE register (0x49). See Section 4.7.5 for more details.
Given a differential input trace with 17dB of insertion loss at 1.485GHz and
CFG_TREQ0_CD_BOOST = 0b, Figure 4-2 illustrates the relationship between launch
swing voltage, and minimum threshold setting to assert or de-asset Carrier Detect at all
rates up to threshold setting at 2.97Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com