Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 19Page - Semtech Corporation GS3281 Datasheet HTML 20Page - Semtech Corporation GS3281 Datasheet HTML 21Page - Semtech Corporation GS3281 Datasheet HTML 22Page - Semtech Corporation GS3281 Datasheet HTML 23Page - Semtech Corporation GS3281 Datasheet HTML 24Page - Semtech Corporation GS3281 Datasheet HTML 25Page - Semtech Corporation GS3281 Datasheet HTML 26Page - Semtech Corporation GS3281 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
23 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.4.2 Continuous PRBS Check Measurement Procedure
As previously mentioned, the maximum measurement time for a timed PRBS error
measurement is ~3.35 seconds. For links with very low error rates, this time is insufficient
to capture an adequate number of errors. For these situations, the continuous PRBS
check measurement is more appropriate.
In continuous PRBS measurement mode, the measurement can run as long as required
(assuming the device remains locked) to ensure the BER test level is met.
To perform a continuous PRBS measurement, please follow the steps outlined in the
flowchart found within Figure 4-4: Continuous PRBS Check Flow.
Table 4-4: PRBS Checker Parameter Description
Register Addressh
and Name
Parameter Name
Description
50,
PRBS_ CHK_CFG
CFG_PRBS_CHECK_PREDIVIDER
Selects pre-divider for PRBS check measurement timer.
CFG_PRBS_CHECK_MEAS_TIME
Selects PRBS check measurement interval for timed
measurements.
51,
PRBS_CHK_ CTRL
CTRL_PRBS_CHECK_TIMED_CONT_B
Selects between timed and continuous type PRBS
measurement.
TRL_PRBS_CHECK_START
Used to start and stop PRBS measurements.
89,
PRBS_ CHK_ ERR_CNT
STAT_PRBS_CHK_ERR_CNT
PRBS error count storage location.
8A,
PRBS_ CHK_STATUS
STAT_PRBS_CHECK_STATUS
Status indication of PRBS checker.
STAT_PRBS_CHECK_LAST_ABORT
Indication bit for PRBS successful completion or abort.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com