Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 14 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 10Page - Semtech Corporation GS3281 Datasheet HTML 11Page - Semtech Corporation GS3281 Datasheet HTML 12Page - Semtech Corporation GS3281 Datasheet HTML 13Page - Semtech Corporation GS3281 Datasheet HTML 14Page - Semtech Corporation GS3281 Datasheet HTML 15Page - Semtech Corporation GS3281 Datasheet HTML 16Page - Semtech Corporation GS3281 Datasheet HTML 17Page - Semtech Corporation GS3281 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
14 of 97
Semtech
Proprietary & Confidential
www.semtech.com
3. Input/Output Circuits
Figure 3-1: DDI, DDI
Figure 3-2: SDO0/SDO0 and SDO1/SDO1
Figure 3-3: SDIN, SCLK, REF_CLK
Figure 3-4: .CS
Figure 3-5: SDOUT
Figure 3-6: GPIO[0:3]
DDI
DDI
VCC_DDI VCC_DDI
RLC
TERM
RLC
50Ω
50Ω
VCC_DDI
75Ω
75Ω
SDO
SDO
VCCO_<n>
VCCO_<n>
VCCO_<n>
Note: The <n> in VCCO_<n> refers to the output power supply number. VCCO_1
is the power supply connection for SDO1/SDO1, and VCCO_0 is the power supply
connection for SDO0/SDO0.
100kΩ
VDD
VDD
SDIN,
SCLK,
REF_CLK
100kΩ
VDD
VDD
CS
VDD
SDOUT
VDD
VDD
VCC_IO*
GPIO[0:3]
100kΩ
1kΩ
VCC_IO*
VCC_IO*
VCC_IO*
Note: VCC_IO makes reference to the following power supplies and pins:
VCC_IO = VDD for GPIO[0:1]
VCC_IO = VCC_CORE for GPIO[2:3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com