Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 79 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 79 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 75Page - Semtech Corporation GS3281 Datasheet HTML 76Page - Semtech Corporation GS3281 Datasheet HTML 77Page - Semtech Corporation GS3281 Datasheet HTML 78Page - Semtech Corporation GS3281 Datasheet HTML 79Page - Semtech Corporation GS3281 Datasheet HTML 80Page - Semtech Corporation GS3281 Datasheet HTML 81Page - Semtech Corporation GS3281 Datasheet HTML 82Page - Semtech Corporation GS3281 Datasheet HTML 83Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
79 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4B
CONTROL_
OUTPUT_
SLEW
RSVD
15:11
R/W
0
Reserved - do not modify.
CTRL_OUTPUT1_
MANUAL_SLEW
10:9
R/W
2
Selects slew rate for cable driver
output1 (SDO1) when auto
slew rate is disabled.
0 = SD/MADI slew
1 = HD/3G slew
2 = Bypass
CTRL_OUTPUT1_
AUTO_SLEW
8R/W
1
Selects between auto or manual slew
rate selection for cable driver output1
(SDO1).
0 = Disable auto slew rate selection.
1 = Enable auto slew rate selection.
This may be necessary when device is
passing an unsupported rate, or when
using the PRBS generator when the
device is not locked to an input signal.
Note: In auto-mode, the slew rate is
determined by the rate at which the
CDR is locked. If the CDR is unlocked,
the slew will default to Bypass (see
Table 2-3 for Rise/Fall times).
RSVD
7:3
R/W
0
Reserved - do not modify.
CTRL_OUTPUT0_
MANUAL_SLEW
2:1
R/W
2
Selects slew rate for cable driver output
0 (SDO0) when auto slew rate is
disabled.
0 = SD/MADI slew
1 = HD/3G slew
2 = Bypass
CTRL_OUTPUT0_
AUTO_SLEW
0R/W
1
Selects between auto or manual slew
rate selection for cable driver output 0
(SDO0).
0 = Disable auto slew rate selection.
1 = Enable auto slew rate selection.
This may be necessary when device is
passing an unsupported rate, or when
using the PRBS generator when the
device is not locked to an input signal.
Note: In auto-mode, the slew rate is
determined by the rate at which the
CDR is locked. If the CDR is unlocked,
the slew will default to Bypass (see
Table 2-3 for Rise/Fall Times).
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com