Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 6Page - Semtech Corporation GS3281 Datasheet HTML 7Page - Semtech Corporation GS3281 Datasheet HTML 8Page - Semtech Corporation GS3281 Datasheet HTML 9Page - Semtech Corporation GS3281 Datasheet HTML 10Page - Semtech Corporation GS3281 Datasheet HTML 11Page - Semtech Corporation GS3281 Datasheet HTML 12Page - Semtech Corporation GS3281 Datasheet HTML 13Page - Semtech Corporation GS3281 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
10 of 97
Semtech
Proprietary & Confidential
www.semtech.com
2.2 DC Electrical Characteristics
Table 2-2: DC Electrical Characteristics
TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC_DDI,
VCC_CORE,
VDD
1.71
1.8
1.89
V
—
Supply Voltage - Output
Driver
VCCO_0,
VCCO_1
2.38
2.5
2.63
V
—
3.14
3.3
3.47
V
—
Power - Mission Mode
(SDO0/SDO0 enabled
SDO1/SDO1 disabled)
PD
VCCO_0 = 2.5V,
Output Swing = 800mVpp,
—375
—
mW
1
VCCO_0 = 2.5V,
Output Swing = 800mVpp
with max pre-emphasis
—390
—
mW
—
Power - Sleep Mode
PD
Sleep
—
40
54
mW
—
Supply Current - Cable Driver
ICCO_0, ICCO_1
VCCO_0 = 2.5V,
Output Swing = 800mVpp
—23
34
mA
1,4
VCCO_0 = 2.5V,
Output Swing = 800mVpp,
with max pre-emphasis
—29
38
mA
4
VCCO_0 = 3.3V,
Output Swing = 800mVpp
—24
33
mA
1,4
VCCO_0 = 3.3V,
Output Swing = 800mVpp,
with max pre-emphasis
—30
37
mA
4
ICCO1P8_0,
ICCO1P8_1
Output Swing = 800mVpp
—20
28
mA
4
Supply Current –
Analog Core
ICC_CORE
CDR Locked to Rate
—
120
146
mA
—
CDR Unlocked During
Rate Search
—
143
158
mA
—
PRBS Generator Enabled
—
71
90
mA
5,6
PRBS Checker Enabled
—
55
94
mA
5
Eye Monitor Enabled
—
70
92
mA
5
Supply Current - Trace
Equalizer
ICC_DDI
—21
32
mA
—
Supply Current - Digital
Logic
IDD
—15
18
mA
—
DDI Input Common
Mode Voltage
VCMIN
0.94
—
2.525
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com