Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 8Page - Semtech Corporation GS3281 Datasheet HTML 9Page - Semtech Corporation GS3281 Datasheet HTML 10Page - Semtech Corporation GS3281 Datasheet HTML 11Page - Semtech Corporation GS3281 Datasheet HTML 12Page - Semtech Corporation GS3281 Datasheet HTML 13Page - Semtech Corporation GS3281 Datasheet HTML 14Page - Semtech Corporation GS3281 Datasheet HTML 15Page - Semtech Corporation GS3281 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
12 of 97
Semtech
Proprietary & Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_DDI, VCC_CORE, VDD = 1.8V ±5% and VCCO_0, VCCO_1 = +2.5/3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial Input Data Rate
DRDDI
—
0.001
—
2.97
Gb/s
—
Serial Output Voltage Swing
VSDO
Single Ended
720
800
880
mVpp
3
Differential Input
Voltage Swing
V
DDI
—
200
—
800
mVppd
9
Loss Compensation (Input
Trace Equalization)
—
3G
—
60
—
Inches
7
HD
—
60
—
Inches
7
SD
—
60
—
Inches
7
MADI
—
60
—
Inches
7
Intrinsic Input Jitter Tolerance
Square Wave Modulation
IIJT
MADI/SD/HD/3G
0.8
0.95
—
UI
—
PLL Lock Time – Asynchronous
tALOCK
All rates enabled, except
MADI.
—
—
16.7
ms
5
All rates enabled
—
—
32
ms
5
PLL Lock Time – Synchronous
tSLOCK
SD
—
—
10
μs
5
HD/3G
—
—
5
μs
5
SDO/SDO Rise/Fall Time
triseSDO, tfallSDO
SD
400
—
1000
ps
6
HD/3G
—
—
70
ps
6
Bypass
—
—
40
ps
6
SDO/SDO Mismatch
in Rise/Fall Time
—
SD
—
—
100
ps
6
HD/3G
—
—
20
ps
6
SDO/SDO Eye Cross Shift
—
SD
—
—
5
%
6
HD/3G
—
—
8
%
6
SDO/SDO Overshoot
—
—
—
—
10
%
6
Output Return Loss
—
5MHz to 1.485GHz
—
—
-17
dB
1
1.485GHz to 2.97GHz
—
—
-12
dB
1
Serial Data Output Jitter
(SDO/SDO)
tOJ(125Mb/s)
BW = default,
Pattern = PRBS
—
0.015
0.08
UIpp
2, 6, 8
tOJ(270Mb/s)
—
0.03
0.08
UIpp
2, 6, 8
tOJ(1.485Gb/s)
—
0.03
0.08
UIpp
2, 6, 8
tOJ(2.97Gb/s)
—
0.04
0.08
UIpp
2, 6, 8
tOJ(Bypass)
—
0.13
0.20
UIpp
2, 6, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com