Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 64 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 64 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 60Page - Semtech Corporation GS3281 Datasheet HTML 61Page - Semtech Corporation GS3281 Datasheet HTML 62Page - Semtech Corporation GS3281 Datasheet HTML 63Page - Semtech Corporation GS3281 Datasheet HTML 64Page - Semtech Corporation GS3281 Datasheet HTML 65Page - Semtech Corporation GS3281 Datasheet HTML 66Page - Semtech Corporation GS3281 Datasheet HTML 67Page - Semtech Corporation GS3281 Datasheet HTML 68Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
64 of 97
Semtech
Proprietary & Confidential
www.semtech.com
8
REF_CLK_
MODE
RSVD
15:2
R/W
0
Reserved - do not modify.
CFG_REF_CLK_MODE_
MANUAL
1R/W
1
Manual external reference mode
selection:
0 = External reference clock mode
1 = Referenceless mode
Controls reference clock mode when
CFG_REF_CLK_MODE_AUTO = 0.
CFG_REF_CLK_MODE_
AUTO
0R/W
1
Automatic external reference selection
mode.
0 = Disable auto mode
1 = Enable auto mode
In auto mode, the device automatically
switches to reference clock mode when
the reference clock is detected. When
auto mode is disabled, reference clock
mode is controlled by
CFG_REF_CLK_MODE_MANUAL.
Note: Once the device has been
switched to external reference mode,
either manual or automatically, it can
not be manually set back to
referenceless mode unless it is followed
by a device reset.
9
FACTORY_
CDR_
PARAMETERS
RSVD
15:4
R/W
7
Reserved - do not modify.
PHASE_MODE
3:2
R/W
0
Set to 3h when using a PRBS7 signal or
similar repetitive short pattern.
CFG_MIN_LBW
1
R/W
0
To maximize loop bandwidth of PLL and
consequently IJT of CDR, set this
parameter to 0.
RSVD
0
R/W
0
Reserved - do not modify.
0A
RSVD
RSVD
15:0
R/W
808
Reserved - do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com