Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 83 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 83 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 79Page - Semtech Corporation GS3281 Datasheet HTML 80Page - Semtech Corporation GS3281 Datasheet HTML 81Page - Semtech Corporation GS3281 Datasheet HTML 82Page - Semtech Corporation GS3281 Datasheet HTML 83Page - Semtech Corporation GS3281 Datasheet HTML 84Page - Semtech Corporation GS3281 Datasheet HTML 85Page - Semtech Corporation GS3281 Datasheet HTML 86Page - Semtech Corporation GS3281 Datasheet HTML 87Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
83 of 97
Semtech
Proprietary & Confidential
www.semtech.com
52
(Continued)
PRBS_GEN_
CTRL
(Continued)
CTRL_PRBS_GEN_
CLK_DIVIDER
5:4
R/W
0
Selects clock divider ratio for when host
selects divided clock to output on PRBS
generator
(CTRL_PRBS_GEN_SIGNAL_SELECT = 0):
0 = divide by 2
1 = divide by 4
2 = divide by 8
3 = divide by 16
CTRL_PRBS_GEN_
INVERT
3R/W
0
Controls optional inversion of the
generated PRBS pattern:
0 = true sense
1 = inverted
CTRL_PRBS_GEN_
DATA_RATE
2:0
R/W
6
Select PRBS7 data rate when PRBS clock
source not recovered clock
(CTRL_PRBS_GEN_CLK_SRC
≠ 3)
0 = Reserved - do not use.
1 = MADI
2 = SD
3 = HD
4 = 3G
5 = Reserved - do not use.
6 = Reserved - do not use.
7 = Reserved - do not use.
If CTRL_PRBS_GEN_CLK_SRC = 3, then
CTRL_PRBS_GEN_DATA_RATE setting
has no effect and the CDR rate is used
(based on automatic rate detection or
manual rate selection).
Additionally, if the device is locked to an
input signal, only the same rate can be
selected for the PRBS generator.
53
RSVD
RSVD
15:0
R/W
0
Reserved - do not modify.
54
EYE_MON_
INT_CFG_0
CFG_EYE_MON_
TIMEOUT_MS
15:0
R/W
0
CFG_EYE_MON_TIMEOUT[31:16]. Most
significant 16 bits of the measurement
time. This is the time spent measuring
bit errors at each point in the eye scan,
i.e. the time to measure one point in the
eye. Units are in microseconds. The Eye
Scanner scans each point twice and
there is some overhead, so the actual
measurement time is twice the number
entered.
55
EYE_MON_
INT_CFG_1
CFG_EYE_MON_
TIMEOUT_LS
15:0
R/W
64
CFG_EYE_MONT_TIMEOUT[15:0] Least
significant 16 bits of the measurement
time.
See CFG_EYE_MON_ TIMEOUT_MS
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com