Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 1 Page - Semtech Corporation

  GS3281 Datasheet HTML 1Page - Semtech Corporation GS3281 Datasheet HTML 2Page - Semtech Corporation GS3281 Datasheet HTML 3Page - Semtech Corporation GS3281 Datasheet HTML 4Page - Semtech Corporation GS3281 Datasheet HTML 5Page - Semtech Corporation GS3281 Datasheet HTML 6Page - Semtech Corporation GS3281 Datasheet HTML 7Page - Semtech Corporation GS3281 Datasheet HTML 8Page - Semtech Corporation GS3281 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
1 of 97
Semtech
Proprietary & Confidential
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
GS3281
3G-SDI Re-timing Cable Driver
www.semtech.com
Key Features
•
Dual non-inverted 75Ω cable interface with on-chip
termination
•
SMPTE ST 424, ST 292-1 and ST 259 compliant
input/output
•
Multi-standard operation from 1Mb/s to 2.97Gb/s
•
In addition to standard SMPTE rates, the device also
supports re-timing of DVB-ASI at 270Mb/s, and MADI
at 125Mb/s.
•
Cable driver features:
Wide swing control
Pre-emphasis to compensate for significant
insertion loss between device output and BNC
Automatic/manual output slew rate control
Manual or automatic re-timer bypass
Manual or automatic Mute or disable on LOS
•
Trace equalizer features:
Integrated 100Ω, differential input termination
Automatic power down on loss of signal
Adjustable carrier detect threshold
DC-coupling from 1.2V to 2.5V CML logic
Trace equalization to compensate for up to 60” FR4
at 2.97Gb/s
Automatic input offset compensation
•
CDR features:
Manual or automatic rate modes
Wide Loop bandwidth control
Re-timing at the following data rates: 125Mb/s,
270Mb/s, 1.485Gb/s, and 2.97Gb/s. This includes the
f/1.001 rates.
Additional Features
•
Single 1.8V power supply for analog and digital core
•
2.5V or 3.3V for cable driver output supply
•
GSPI serial control and monitoring interface
•
Four configurable GPIO pins for control or status
monitoring
•
Wide operating temperature range: -40ºC to +85ºC
•
Small 6mm x 4mm 40-pin QFN
•
Pb-free/Halogen-free/RoHS and WEEE compliant
package
•
Pin compatible with the GS12181, GS12182, GS12081,
and GS12281
Applications
SMPTE ST 424, SMPTE ST 292, SMPTE ST 259 interfaces
requiring cable driving functionality. Typical applications:
Cameras, Switchers, Distribution Amplifiers and Routers.
Description
The GS3281 is a low-power, multi-rate, re-timing cable
driver supporting rates up to 3G-SDI. It is designed to
receive 100Ω differential input signals, automatically
recover the embedded clock from the digital video signal
and re-time the incoming data, and transmit the re-timed
signal over 75Ω coaxial cables. The 100Ω trace input
supports up to 17dB of insertion loss.
The integrated eye monitor provides non-disruptive
mission mode analysis of the post equalized input signal.
The 256x128 resolution scan matrix allows accurate signal
analysis to speed up prototyping and enable field analysis.
Built in macros enable customizable cross section analysis
and quick horizontal and vertical eye opening
measurements.
With high phase consistency between scans and
configurable space and time thresholds, algorithms can be
deployed in the field to analyze long term signal quality
variation (Bathtub Plot) to reduce costly system installation
debug time for intermittent errors. The two cable drivers
have highly configurable pre-emphasis and swing controls
to compensate for long trace and connector losses.
Additionally, automatic and user selectable output slew
rate control is provided for each cable driver output.
The GS3281 is pin compatible with the GS12181 and
GS12281 single input, and the GS12182 dual input 12G
UHD-SDI Multi-rate Re-timing Cable Drivers, as well as the
GS12081 12G UHD-SDI Multi-rate Cable Driver.
Note: For the GS3281 to be pin compatible with the
GS12182, careful design considerations are required.
Contact for your local Semtech FAE for details.


Similar Part No. - GS3281

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS321 GLOBALTECH-GS321 Datasheet
682Kb / 8P
Low Power Single Operational Amplifiers
Version_2.1
GS321ALF GLOBALTECH-GS321ALF Datasheet
682Kb / 8P
Low Power Single Operational Amplifiers
Version_2.1
GS321LF GLOBALTECH-GS321LF Datasheet
682Kb / 8P
Low Power Single Operational Amplifiers
Version_2.1
GS321LVLF GLOBALTECH-GS321LVLF Datasheet
544Kb / 7P
General Purpose CMOS Operational Amplifiers
Version_2.2
logo
Mallory performance clu...
GS322 MALLORY-GS322 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GS3281

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
3G/HD/SD-SDI Low Power Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Microchip Technology
EQCO30T5.2 MICROCHIP-EQCO30T5.2 Datasheet
377Kb / 22P
EQCO30T5.2 3G/HD-SDI Video Cable Driver
07/14/15
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
3G-SDI Re-timing Adaptive Cable Equalizer
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com