Electronic Components Datasheet Search
  English  ▼

X  

GS3281 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 3Page - Semtech Corporation GS3281 Datasheet HTML 4Page - Semtech Corporation GS3281 Datasheet HTML 5Page - Semtech Corporation GS3281 Datasheet HTML 6Page - Semtech Corporation GS3281 Datasheet HTML 7Page - Semtech Corporation GS3281 Datasheet HTML 8Page - Semtech Corporation GS3281 Datasheet HTML 9Page - Semtech Corporation GS3281 Datasheet HTML 10Page - Semtech Corporation GS3281 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
7 of 97
Semtech
Proprietary & Confidential
www.semtech.com
18
GPIO1
Digital
Input/Output
Multi-function Control/Status Input/Output 1.
Default function:
Direction = Output
Signal = HIGH indicates PLL is locked
Pin is 1.8V CMOS I/O, please refer to GPIO1_CFG for more information
on how to configure GPIO1.
19, 31, 37, 38
VEE_CORE
Power
Most negative power supply connection for the analog core.
Connect to ground.
20
VCCO1P8_1
Power
Most positive power supply connection for cable driver pre driver.
Connect to 1.8V and decouple to ground. See Section 6.1 Typical
Application Circuit for values.
21, 28
VEEO
Power
Most negative power supply connection for the output drivers.
Connect to ground.
22, 23
SDO1/RCO,
SDO1/RCO
Output
Differential CML output with two internal 75Ω pull-ups.
The data signal or PRBS generator can be selected for this output. The
PRBS generator can be configured to generate a PRBS7 or a clock
pattern.
Note: If one of the two outputs is not used by the application, ensure
that it is connected to ground through a capacitor and resistor. See
Section 6.1 Typical Application Circuit for values.
24
VCCO_1
Power
Most positive power supply connection for the SDO1/ SDO1 output
driver.
Connect to 2.5V or 3.3V and decouple to ground. See Section 6.1
Typical Application Circuit for values.
25
VCCO_0
Power
Most positive power supply connection for the SDO/SDO0 output
driver.
Connect to 2.5V or 3.3V and decouple to ground. See Section 6.1
Typical Application Circuit for values.
26, 27
SDO0, SDO0
Output
Differential CML output with two internal 75Ω pull-ups.
The data signal or PRBS generator can be selected for this output. The
PRBS generator can be configured to generate a PRBS7 or a clock
pattern.
Note: If one of the two outputs is not used by the application, ensure
that it is connected to ground through a capacitor and resistor. See
Section 6.1 Typical Application Circuit for values.
29
VCCO1P8_0
Power
Most positive power supply connection for cable driver pre driver.
Connect to 1.8V and decouple to ground. See Section 6.1 Typical
Application Circuit for values.
32
REF_CLK
Digital Input
Optional 27MHz reference input. 1.8V CMOS input with 100kΩ
pull-down. Connect to ground if not used.
Table 1-1: GS3281 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com