Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 13Page - National Semiconductor (TI) PC8374T Datasheet HTML 14Page - National Semiconductor (TI) PC8374T Datasheet HTML 15Page - National Semiconductor (TI) PC8374T Datasheet HTML 16Page - National Semiconductor (TI) PC8374T Datasheet HTML 17Page - National Semiconductor (TI) PC8374T Datasheet HTML 18Page - National Semiconductor (TI) PC8374T Datasheet HTML 19Page - National Semiconductor (TI) PC8374T Datasheet HTML 20Page - National Semiconductor (TI) PC8374T Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.1
17
www.national.com
1.4.13 Configuration Straps and Testing
1.4.14 Power and Ground
Signal
Pin(s)
I/O Buffer Type Power Well
Description
BADDR
30
I
INTS
VDD3
Base Address. Sampled at VDD Power-Up reset to determine
the base address of the configuration Index-Data register pair,
as follows:
– No pull-down resistor (default)
- 2Eh-2Fh
– 10 K
Ω1 external pull-down resistor - 4Eh-4Fh
The external pull-down resistor must be connected to VSS.
1. Because the strap function is multiplexed with the Serial Port pins, a CMOS transceiver device is recommended
for Serial Port functionality; in this case, the value of the external pull-down resistor is 10 K
Ω. If, however, a TTL
transceiver device is used, the value of the external pull-down resistor must be 470
Ω, and since the Serial Port
pins are not able to drive this load, the external pull-down resistor must be disconnected tEPLV after VDD3
power-up (see “VDD Power-Up Reset” on page 30).
VsbStrap1
117
I
INTS
VSB3
Vsb Strap 1. Reserved strap input function for National use.
VddStrap1
122
I
INTS
VDD3
Vdd Strap 1. Reserved strap input function for National use.
VddStrap2
125
I
INTS
VDD3
Vdd Strap 2. General-Purpose strap input function.
TRIS
26
I
INTS
VDD3
TRI-STATE Device. Sampled at VDD Power-Up reset to force
the device to float all its output and I/O pins, as follows:
– No pull-down resistor (default)
- normal pin operation
– 10 K
Ω1 external pull-down resistor - floating device pins
The external pull-down resistor must be connected to VSS.
When TRIS is set to 0 (by an external pull-down resistor), TEST
must be 1 (left unconnected).
TEST
27
I
INTS
VDD3
XOR Tree Test Mode. Sampled at VDD Power-Up reset to force
the device pins into a XOR tree configuration, as follows:
– No pull-down resistor (default)
- normal device operation
– 10 K
Ω1 external pull-down resistor - pins configured as XOR
tree.
When TEST is set to 0 (by an external pull-down resistor), TRIS
must be 1 (left unconnected).
XOR_OUT
30
O
O4/8
VDD3
XOR Tree Output. All the device pins (except power type and
analog type pins) are internally connected in a XOR tree structure.
Signal
Pin(s)
I/O Buffer Type
Power
Well
Description
VSS
8, 29, 46, 58,
78, 96, 110
IGND
Ground. Ground connection for both core logic and I/O buffers,
for the Main, Standby and Battery power supplies.
VDD3
6, 31, 49, 60
I
PWR
Main 3.3V Power Supply. Powers the I/O buffers of the legacy
peripherals and the LPC interface.
VSB3
76, 93, 107
I
PWR
Standby 3.3V Power Supply. Powers the I/O buffers of the
GPIO ports, SWC, Glue Functions, TPM Health Management
and the on-chip Core power converter.
VCORF
97
I/O
PWR
On-Chip Core Power Converter Filter. On-chip Core power
converter output. An external 1
µF ceramic filter capacitor must
be connected between this pin and VSS.
VCORF2
102
I/O
PWR
On-Chip Core Power Converter Filter. On-chip Core power
converter output. An external 1
µF ceramic filter capacitor must
be connected between this pin and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com