Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 10Page - National Semiconductor (TI) PC8374T Datasheet HTML 11Page - National Semiconductor (TI) PC8374T Datasheet HTML 12Page - National Semiconductor (TI) PC8374T Datasheet HTML 13Page - National Semiconductor (TI) PC8374T Datasheet HTML 14Page - National Semiconductor (TI) PC8374T Datasheet HTML 15Page - National Semiconductor (TI) PC8374T Datasheet HTML 16Page - National Semiconductor (TI) PC8374T Datasheet HTML 17Page - National Semiconductor (TI) PC8374T Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
14
Revision 1.1
1.4.8
Health Management (HM)
1.4.9
Trusted Platform Module (TPM)
1.4.10 System Wake-Up Control (SWC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
SWD
103
I/O
INSM/OD6
VSB3
SensorPathData. Bidirectional, SensorPath Data interface
signal to LMxx sensor device(s). An internal pull-up for this pin
is optional.
HMSCL
88
I/O
INSM/OD6
VSB3
Health Management SMBus Serial Clock. Serial clock
signal. External pull-up resistor is required.
HMSDA
90
I/O
INSM/OD6
VSB3
Health Management SMBus Serial Data. Serial data signal.
External pull-up resistor is required.
FANTACH1-4 111-112,
104-105
IINTS
VDD3
Fan Inputs. Used to feed the fan’s tachometer pulse to the
Fan Speed Monitor.
FANPWM1-3 106,
108-109
OOD12,O6/12
VDD3
Fan Outputs. Pulse Width Modulation (PWM) signals, used to
control the speed of cooling fans by controlling the voltage
supplied to the fan motors.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
TPM_PP
123
I
INTS
VSB3
Physical Presence Input. Indicates owner’s physical presence.
IOPA0,
IOPA1,
IOPA6
101,
91,
123
I/O
INTS/
OD8, O4/8
VSB3
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O, with or without static pull-up and
with either open-drain or push-pull output type. These pins
have event detection capability to generate a wake-up event
or an interrupt.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE00-07
103-106,
108-109,
111-112
I
INTS
VSB3
Wake-Up Inputs. Generates a wake-up event. These pins
have programmable debouncing. When the pin is not used,
the internal pull-up resistor must be enabled to allow the pin
to be left not connected.
118-121,
124,
126-128
VDD3
GPIOE10-13
116, 114,
115, 113
INTS2
VSB3
GPIOE12-13
74-75
INTS
GPIOE14,
GPIOE16-17
101,
100, 80
RI1
RI2
32,
118 or
119
IINTS
VSB3
Ring Indicator Wake-Up. When low, generates a wake-up
event, indicating that a telephone ring signal was received by
the modem.
KBCLK
3
I
INTS
VSB3
Keyboard Clock Wake-Up. Generates a wake-up event when
a specific keyboard sequence is detected.
KBDAT
4
I
INTS
VSB3
Keyboard Data Wake-Up. Generates a wake-up event when
a specific keyboard sequence is detected.
MCLK
1
I
INTS
VSB3
Mouse Clock Wake-Up. Generates a wake-up event when a
specific mouse action is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com