Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 30Page - National Semiconductor (TI) PC8374T Datasheet HTML 31Page - National Semiconductor (TI) PC8374T Datasheet HTML 32Page - National Semiconductor (TI) PC8374T Datasheet HTML 33Page - National Semiconductor (TI) PC8374T Datasheet HTML 34Page - National Semiconductor (TI) PC8374T Datasheet HTML 35Page - National Semiconductor (TI) PC8374T Datasheet HTML 36Page - National Semiconductor (TI) PC8374T Datasheet HTML 37Page - National Semiconductor (TI) PC8374T Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
2.0 Device Characteristics (Continued)
www.national.com
34
Revision 1.1
LPC Signals
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Outputs
Output Valid Delay
After RE of CLK
2
11
ns
tON
Outputs
Float to Active Delay
After RE of CLK
2
ns
tOFF
Outputs
Active to Float Delay
After RE of CLK
28
ns
tSU
Inputs
Input Setup Time
Before RE of CLK
7
ns
tHL
Inputs
Input Hold Time
After RE of CLK
0
ns
Leakage Only
Leakage Only
0.615 VDD3
0.4 VDD3
0.4 VDD3
PCI_CLK
LAD3
−LAD0,
LDRQ, SERIRQ
Outputs
tVAL
tON
tOFF
VDD3 = 3.3V ±10%
tVAL
LAD3
−LAD0,
SERIRQ
Output Enabled
0.285 VDD3
0.4 VDD3
0.4 VDD3
PCI_CLK
LAD3
−LAD0, LFRAME
SERIRQ
Inputs
VDD3 = 3.3V ±10%
tHL
tSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com