Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 28Page - National Semiconductor (TI) PC8374T Datasheet HTML 29Page - National Semiconductor (TI) PC8374T Datasheet HTML 30Page - National Semiconductor (TI) PC8374T Datasheet HTML 31Page - National Semiconductor (TI) PC8374T Datasheet HTML 32Page - National Semiconductor (TI) PC8374T Datasheet HTML 33Page - National Semiconductor (TI) PC8374T Datasheet HTML 34Page - National Semiconductor (TI) PC8374T Datasheet HTML 35Page - National Semiconductor (TI) PC8374T Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
2.0 Device Characteristics (Continued)
www.national.com
32
Revision 1.1
Low-Frequency Clock Timing
Figure 10. Internal 32 KHz (INT32K) and CLOCKO32 Timing
Symbol Figure Internal Clock Parameters Reference Conditions
INT32K
Units
Min
Typ
Max
tCP
10
Clock Period1
(50%-50%)
1. Not tested. Guaranteed by characterization.
After VSB3 power-up
21.3623
30.517578
39.6728
µs
tCPL
10
Clock Period1
(50%-50%)
After CLOCKI14 valid
30.2124
30.517578
30.8227
When VDD3 does not
exist
27.465820
30.517578
33.569336
FCK
−
Clock Frequency
After VSB3 power-up
F32TYP − 30%
32.768
(F32TYP)
F32TYP + 30%
KHz
FCKL
Clock Frequency
After CLOCKI14 valid
F32TYP − 1%
32.768
(F32TYP)
F32TYP + 1%
When VDD3 does not
exist
F32TYP − 10%
32.768
(F32TYP)
F32TYP + 10%
t32KW
10
Clock wake-up time1
VSB3 stable to clock
start toggling
5ms
t32KVAL
10
Clock valid time1
Clock start toggling to
clock valid
1ms
32.768 KHz
t32KW
VSB3 (Power)
VSB3ONmin
tCP
(Internal)
32 KHz Domain
Internal
t32KVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com