Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 39Page - National Semiconductor (TI) PC8374T Datasheet HTML 40Page - National Semiconductor (TI) PC8374T Datasheet HTML 41Page - National Semiconductor (TI) PC8374T Datasheet HTML 42Page - National Semiconductor (TI) PC8374T Datasheet HTML 43Page - National Semiconductor (TI) PC8374T Datasheet HTML 44Page - National Semiconductor (TI) PC8374T Datasheet HTML 45Page - National Semiconductor (TI) PC8374T Datasheet HTML 46Page - National Semiconductor (TI) PC8374T Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
2.0 Device Characteristics (Continued)
Revision 1.1
43
www.national.com
Main Power Good
Power Distribution Control
Figure 14. BKFD_CUT and LATCHED_BF_CUT (AC Characteristics)
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tPSD
−
Low-to-High Delay1
1. Not tested. Guaranteed by design.
After RE of PWRGD_PS
100
120
ms
tS3D
−
High-to-Low Delay1
After FE of SLP_S3
20
ns
tR
−
PWRGD_3V Rise Time1
0.8V to 2.0V
50
ns
tF
−
PWRGD_3V Fall Time1
2.0V to 0.8V
50
ns
Symbol Figure
Description
Reference Conditions
Min
Max
Units
tPB
−
BKFD_CUT Propagation Delay1
1. Not tested. Guaranteed by design.
PWRGD_PS or SLP_S3 to BKFD_CUT
1
µs
tTB
−
BKFD_CUT Transition Time1
0.8V to 2.0V
50
ns
tPL
14
LATCHED_BF_CUT Propagation
Delay1
BKFD_CUT or SLP_S5 to
LATCHED_BF_CUT
1
µs
tTL
14
LATCHED_BF_CUT Transition Time1 0.8V to 2.0V
50
ns
0.8V
1.4V
2.0V
SLP_S5
BKFD_CUT
LATCHED_BF_CUT
tPL
tTL
0.8V
tPL
1.4V
tTL
2.0V
tPL
tPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com