Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 8Page - National Semiconductor (TI) PC8374T Datasheet HTML 9Page - National Semiconductor (TI) PC8374T Datasheet HTML 10Page - National Semiconductor (TI) PC8374T Datasheet HTML 11Page - National Semiconductor (TI) PC8374T Datasheet HTML 12Page - National Semiconductor (TI) PC8374T Datasheet HTML 13Page - National Semiconductor (TI) PC8374T Datasheet HTML 14Page - National Semiconductor (TI) PC8374T Datasheet HTML 15Page - National Semiconductor (TI) PC8374T Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
12
Revision 1.1
1.4.5
Floppy Disk Controller (FDC)
STB_WRITE 51
O
OD14, O14/14
VDD3
STB - Data Strobe. When low, Indicates to the printer that
valid data is available at the printer port. This signal is in TRI-
STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
WRITE - Write Strobe. Active low, used in EPP mode to
denote an address or data write cycle. When the cycle is
aborted, WRITE becomes inactive (high).
Signal
Pin(s)
I/O Buffer Type Power Well
Description
DENSEL
22
O
OD12 O6/12
VDD3
Density Select. Indicates that a high FDC density data rate (500
Kbps, 1 Mbps or 2 Mbps) or a low density data rate (250 or 300
Kbps) is selected.
DIR
17
O
OD12 O6/12
VDD3
Direction. Determines the direction of the Floppy Disk Drive
(FDD) head movement (active = step in; inactive = step out)
during a seek operation.
DR0
18
O
OD12 O6/12
VDD3
Drive Select. Active low signal controlled by bit 0 of the Digital
Output Register (DOR).
DRATE0
21
O
OD12 O6/12
VDD3
Data Rate. Reflects the value of bit 0 of either Configuration
Control Register (CCR) or Data Rate Select Register (DSR),
whichever was written to last.
DSKCHG
9I
INTS
VDD3
Disk Change. Indicates that the drive door was opened.
HDSEL
10
O
OD12 O6/12
VDD3
Head Select. Selects which side of the FDD is accessed. Active
(low) selects side 1; inactive selects side 0.
INDEX
20
I
INTS
VDD3
Index. Indicates the beginning of an FDD track.
MTR0
19
O
OD12 O6/12
VDD3
Motor Select. Active low motor enable signal for drive 0, controlled
by bit D4 of the Digital Output Register (DOR).
RDATA
11
I
INTS
VDD3
Read Data. Raw serial input data stream read from the FDD.
STEP
16
O
OD12 O6/12
VDD3
Step. Issues pulses to the disk drive at a software programmable
rate to move the head during a seek operation.
TRK0
13
I
INTS
VDD3
Track 0. Indicates to the controller that the head of the selected
floppy disk drive is at track 0.
WDATA
15
O
OD12 O6/12
VDD3
Write Data. Carries out the pre-compensated serial data that is
written to the FDD. Pre-compensation is software selectable.
WGATE
14
O
OD12 O6/12
VDD3
Write Gate. Enables the write circuitry of the selected FDD.
WGATE is designed to prevent glitches during power-up and
power-down. This prevents writing to the disk when power is
cycled.
WP
12
I
INTS
VDD3
Write Protected. Indicates that the disk in the selected drive is
write protected.
Signal
Pin(s)
I/O
Buffer Type Power Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com