Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC8374T Datasheet HTML 1Page - National Semiconductor (TI) PC8374T Datasheet HTML 2Page - National Semiconductor (TI) PC8374T Datasheet HTML 3Page - National Semiconductor (TI) PC8374T Datasheet HTML 4Page - National Semiconductor (TI) PC8374T Datasheet HTML 5Page - National Semiconductor (TI) PC8374T Datasheet HTML 6Page - National Semiconductor (TI) PC8374T Datasheet HTML 7Page - National Semiconductor (TI) PC8374T Datasheet HTML 8Page - National Semiconductor (TI) PC8374T Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
Features (Continued)
www.national.com
Revision 1.1
Bus Interface
■ LPC Bus Interface
— Based on Intel’s LPC Interface Specification Revi-
sion 1.1, August 2002
— I/O, Memory and 8-bit Firmware Memory read and
write cycles, Firmware Memory writes may insert
wait cycles
— Up to four 8-bit DMA channels
— Serial IRQ (SERIRQ)
— Supports SuperI/O register memory and I/O mapping
■ Configuration Control
— PnP Configuration Register structure
— Compliant with PC01 Specification Revision 1.0,
1999-2000
— Base Address strap (BADDR) to setup the address
of the Index-Data register pair (defaults to 2Eh/2Fh)
❏
TPM Index-Data register pair Base Address set
by the TPM (defaults to 7Eh/7Fh) or via SuperI/O
Configuration registers
— Flexible resource allocation for all logical devices:
❏
Relocatable base address
❏
15 IRQ routing options to serial IRQ
❏
Up to four optional 8-bit DMA channels
— Configurable feature sets:
❏
VSB3-powered pin multiplexing
Legacy Modules
■ Serial Ports 1 and 2
— Software compatible with the NS16550A and NS16450
— Support shadow register for write-only bit monitoring
— Data rates up to 1.5 Mbaud
■ Serial Infrared Port (SIR)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— HP-SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA and RECS 80
■ IEEE 1284-compliant Parallel Port
— ECP, with Level 2 (14 mA sink and source output
buffers)
— Software or hardware control
— Enhanced Parallel Port (EPP) compatible with EPP
1.7 and EPP 1.9
— Supports EPP as mode 4 of the Extended Control
Register (ECR)
— Selection of internal pull-up or pull-down resistor for
Paper End (PE) pin
— Supports a demand DMA mode mechanism and a
DMA fairness mechanism for improved bus utilization
— Protection circuit that prevents damage to the
parallel port when a printer connected to it is pow-
ered up or is operated at high voltages (in both
cases, even if the PC8374T is in power-down state)
■ Floppy Disk Controller (FDC)
— Software compatible with the PC8477 (the PC8477
contains a superset of the FDC functions in the
µDP8473, NEC µPD765A/B and N82077 devices)
— Error-free handling of data overrun and underrun
— Programmable write protect
— Supports FM and MFM modes
— Supports Enhanced mode command for three-mode
Floppy Disk Drive (FDD)
— Perpendicular recording drive support for 2.88 MBytes
— Burst (16-byte FIFO) and Non-Burst modes
— Full support for IBM Tape Drive Register (TDR)
implementation of AT and PS/2 drive types
— High-performance digital separator
— Supports fast tape drives (2 Mbps) and standard
tape drives (1 Mbps, 500 Kbps and 250 Kbps)
■ Keyboard and Mouse Controller (KBC)
— 8-bit
microcontroller,
software
compatible
with
8042AH and PC87911
— Standard interface (60h, 64h, IRQ1 and IRQ12)
— Supports two external swapable PS/2 interfaces for
keyboard and mouse
— Programmable, dedicated quasi-bidirectional I/O
lines (GA20/P21, KBRST/P20)
Power Management
■ Supports ACPI Specification Revision 2.0b, July 27, 2000
■ System Wake-Up Control (SWC)
— Optional
routing
of
events
to
generate
SCI
(SIOPME) on detection of:
❏
Keyboard or Mouse events
❏
Ring Indication RI on each of the two serial ports
❏
General-Purpose Input Events from 15 GPIO pins
❏
IRQs of the Keyboard and Mouse Controller
❏
IRQs of the other internal modules
— Optional routing of the SCI (SIOPME) to generate
IRQ (SERIRQ)
— Implements the GPE1_BLK of the ACPI General Pur-
pose (Generic) Register blocks with “child” events
— VSB3-powered event detection and event-logic con-
figuration
■ Enhanced Power Management (PM), including:
— Special configuration registers for power down
— Low-leakage pins
— Low-power CMOS technology
— Ability to disable all modules
— High-current LED drivers control (two LEDs) for
power status indication with:
❏
Standard blinking, controlled by software
❏
Advanced blinking, controlled by power supply
status, sleep state or software
❏
Special blinking, controlled by power supply
status, sleep state and software bit
— VBAT-powered indication of the Main power supply
state before an AC power failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com