Electronic Components Datasheet Search
  English  ▼

X  

PC8374T Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 14Page - National Semiconductor (TI) PC8374T Datasheet HTML 15Page - National Semiconductor (TI) PC8374T Datasheet HTML 16Page - National Semiconductor (TI) PC8374T Datasheet HTML 17Page - National Semiconductor (TI) PC8374T Datasheet HTML 18Page - National Semiconductor (TI) PC8374T Datasheet HTML 19Page - National Semiconductor (TI) PC8374T Datasheet HTML 20Page - National Semiconductor (TI) PC8374T Datasheet HTML 21Page - National Semiconductor (TI) PC8374T Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
18
Revision 1.1
VBAT
98
I
INULR
Battery Power Supply. When VSB3 is off, this supply provides
battery back-up to some of the SWC registers. When the
functions powered by VBAT are not used, the VBAT pin must be
connected to VSB3.
The pin is connected to the internal logic through a series
resistor and diode for UL-compliant protection.
VSB5
71
I
PWR
Standby 5V Power Supply. Used for Resume Reset generation
in the Glue Logic.
Signal
Pin(s)
I/O Buffer Type
Power
Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com