Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 167 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 167 Page - NEC

Back Button D17133CS Datasheet HTML 163Page - NEC D17133CS Datasheet HTML 164Page - NEC D17133CS Datasheet HTML 165Page - NEC D17133CS Datasheet HTML 166Page - NEC D17133CS Datasheet HTML 167Page - NEC D17133CS Datasheet HTML 168Page - NEC D17133CS Datasheet HTML 169Page - NEC D17133CS Datasheet HTML 170Page - NEC D17133CS Datasheet HTML 171Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 289 page
background image
CHAPTER 14
INTERRUPT FUNCTIONS
152
14.3 INTERRUPT SEQUENCE
14.3.1 Acceptance of Interrupts
The moment an interrupt is accepted, the instruction cycle of the instruction which has been executed is
terminated, and the interrupt operation is started thus altering the flow of the program to the vector address.
However, if the interrupt occurs during execution of the MOVT instruction, the EI instruction or an instruction which
has satisfied the skip condition, the processing of this interrupt is started after two instruction cycles are completed.
If interrupt operation is started, one level of the address stack register is consumed to store the return address
of the program, and also a level of the interrupt stack register is used to save the PSWORD in the system register.
If multiple interrupts are enabled and occure simultaneously, the interrupts are processed in order of higher priority.
In this case, an interrupt with a lower priority is put on hold until the interrupts with higher priority are processed.
For details of the priority levels, refer to Table 14-1. Types of Interrupt Factors.
Caution The PSWORD is automatically reset to 00000B after being saved in the interrupt stack register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com