Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 170 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 170 Page - NEC

Back Button D17133CS Datasheet HTML 166Page - NEC D17133CS Datasheet HTML 167Page - NEC D17133CS Datasheet HTML 168Page - NEC D17133CS Datasheet HTML 169Page - NEC D17133CS Datasheet HTML 170Page - NEC D17133CS Datasheet HTML 171Page - NEC D17133CS Datasheet HTML 172Page - NEC D17133CS Datasheet HTML 173Page - NEC D17133CS Datasheet HTML 174Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 289 page
background image
CHAPTER 14
INTERRUPT FUNCTIONS
155
14.3.3 Interrupt Acceptance Timing
Figure 14-4 shows the interrupt acceptance timing chart. The
µPD17120 subseries executes an instruction with
16 clocks, which is one instruction cycle. One instruction cycle is subdivided into M0-M3 in terms of 4 clocks as
a unit.
The timing of the program recognizing the interrupt occurrence coincides with the edge preceding the M2.
Figure 14-4. Interrupt Acceptance Timing Chart (when INTE=1 and IP
×××=1) (1/3)
<1> When an interrupt has occurred before M2 of an instruction other than MOVT or EI
Machine cycle
Instruction
IRQ
×××
M0
An instruction other than MOVT or EI
INT cycle
M1
M2
M3
M0
M1
M2
M3
M0
M1
M2
M3
M0
M1
Vector address instruction
Interrupt occurrence recognized
<2> When the skip condition for the skip instruction is materialized in <1>
<3> When an interrupt has occurred after M2 of an instruction other than MOVT or EI
Machine cycle
Instruction
IRQ
×××
M0
M1
M2
M3
M0
M1
M2
M3
M0
M1
M2
M3
M0
M1
INT cycle
Vector address
instruction
Interrupt occurrence recognized
An instruction other than MOVT or EI An instruction other than MOVT or EI
Machine cycle
Instruction
IRQ
×××
M0
Skip instruction
Handled as NOP
M1
M2
M3
M0
M1
M2
M3
M0
M1
M2
M3
M0
M1
INT cycle
Interrupt occurrence recognized
Vector address
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com