Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 173 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 173 Page - NEC

Back Button D17133CS Datasheet HTML 169Page - NEC D17133CS Datasheet HTML 170Page - NEC D17133CS Datasheet HTML 171Page - NEC D17133CS Datasheet HTML 172Page - NEC D17133CS Datasheet HTML 173Page - NEC D17133CS Datasheet HTML 174Page - NEC D17133CS Datasheet HTML 175Page - NEC D17133CS Datasheet HTML 176Page - NEC D17133CS Datasheet HTML 177Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 289 page
background image
CHAPTER 14
INTERRUPT FUNCTIONS
158
14.4 PROGRAM EXAMPLE OF INTERRUPT
• Program example of contermeasure for noise reduction of external interrupt (INT pin)
This example assumes the case of assigning INT pin for key input, etc.
When taking into the microcontroller data in kind of switch such as key input processing, it takes some time
for the level of input voltage to be stabilized after pushing the key or switch. Accordingly, the countermeasures
for removing the noise generated by key, etc. should be executed by software.
In the following program, after generating external interrupt, the signal from INT pin becomes effective after
confirming that there is not change in the level of INT pin two times in every 100
µs.
Example
WAITCNT
MEM
0.00H
; Counter of wait processing
KEYON
FLG
0.01H.3
; If key ON is determined (even just once), KEYON=1
SECOND
FLG
0.01H.0
; A flag describing key-checking for the second time.
ORG
0H
BR
JOB_INIT
ORG
3H
BR
INT_JOB
..
..
.
JOB_INIT:
MOV
WAITCNT, #0
; Clears RAM and the flag on RAM
CLR2
KEYON, SECOND ;
INITFLG
NOT IEGMD1, IEGMD0
; Rising edge is effective for the interrupt from INT pin
CLR1
IRQ
SET1
IP
EI
..
..
.
MAIN:
CALL
××JOB
; arbitrary processing
CALL
××JOB
; arbitrary processing
..
..
.
BR
MAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com