Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 164 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 164 Page - NEC

Back Button D17133CS Datasheet HTML 160Page - NEC D17133CS Datasheet HTML 161Page - NEC D17133CS Datasheet HTML 162Page - NEC D17133CS Datasheet HTML 163Page - NEC D17133CS Datasheet HTML 164Page - NEC D17133CS Datasheet HTML 165Page - NEC D17133CS Datasheet HTML 166Page - NEC D17133CS Datasheet HTML 167Page - NEC D17133CS Datasheet HTML 168Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 289 page
background image
CHAPTER 14
INTERRUPT FUNCTIONS
149
Figure 14-1. Interrupt Control Register (2/4)
RF: 3FH
Read/write
Initial value when reset
Bit 3
0
0
Bit 2
0
0
Bit 1
0
0
Bit 0
IRQ
0
R/W
Read=R, write=W
IRQ
0
1
INT Pin Interrupt Request (at Reading)
No interrupt request has been issued from the INT
pin or an INT pin interrupt is being handled.
An interrupt request from the INT pin occurs or an
INT pin interrupt is being held.
IRQ
0
1
INT Pin Interrupt Request (at Writing)
An interrupt request from the INT pin is forcibly
released.
An interrupt request from the INT pin is forced to
occur.
RF: 3FH
Read/write
Initial value when reset
Bit 3
0
0
Bit 2
0
0
Bit 1
0
0
Bit 0
IRQTM
1
R/W
Read=R, write=W
IRQTM
0
TM Interrupt Request (at Reading)
1
No interrupt request has been issued from
timer or a timer interrupt is being handled.
The contents of the timer count register matches
that of the timer modulo register and an interrupt
request occurs. Or a timer interrupt request is
being held.
IRQTM
0
TM Interrupt Request (at Writing)
1
An interrupt request from timer is forcibly released.
An interrupt request from timer is forced to occur.
Remark
If TMRES is set to 1, IRQTM is cleared to 0.
IRQTM is cleared to 0 immediately after STOP
instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com