Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 160 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 160 Page - NEC

Back Button D17133CS Datasheet HTML 156Page - NEC D17133CS Datasheet HTML 157Page - NEC D17133CS Datasheet HTML 158Page - NEC D17133CS Datasheet HTML 159Page - NEC D17133CS Datasheet HTML 160Page - NEC D17133CS Datasheet HTML 161Page - NEC D17133CS Datasheet HTML 162Page - NEC D17133CS Datasheet HTML 163Page - NEC D17133CS Datasheet HTML 164Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 289 page
background image
CHAPTER 14 INTERRUPT FUNCTIONS
The
µPD17120 subseries has two internal interrupt functions and one external interrupt function. It can be used
in various applications.
The interrupt control circuit of this product has the features listed below. This circuit enables very high-speed
interrupt handling.
(a)
Used to determine whether an interrupt can be accepted with the interrupt mask enable flag (INTE) and
interrupt enable flag (IP
×××).
(b)
The interrupt request flag (IRQ
×××) can be tested or cleared. (Interrupt generation can be checked by
software).
(c)
Standby mode (STOP, HALT) can be released by an interrupt request. (Release source can be selected by
the interrupt enable flag.)
Cautions 1. In interrupt handling, the BCD, CMP, CY, Z, and IXE flags are saved in the stack automatically
by the hardware for one level of multiple interrupts. The DBF and WR are not saved by the
hardware when peripheral hardware such as the timers or serial interface is accessed in
interrupt handling. It is recommended that the DBF and WR be saved in RAM by the software
at the beginning of interrupt handling. Saved data can be loaded back into the DBF and WR
immediately before the end of interrupt handling.
2. Because the interrupt stack is only one level, multi-interrupt by hardware cannot be executed.
If the interrupt over one level is accepted, the first data is lost.
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com