Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 162 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 162 Page - NEC

Back Button D17133CS Datasheet HTML 158Page - NEC D17133CS Datasheet HTML 159Page - NEC D17133CS Datasheet HTML 160Page - NEC D17133CS Datasheet HTML 161Page - NEC D17133CS Datasheet HTML 162Page - NEC D17133CS Datasheet HTML 163Page - NEC D17133CS Datasheet HTML 164Page - NEC D17133CS Datasheet HTML 165Page - NEC D17133CS Datasheet HTML 166Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 289 page
background image
CHAPTER 14
INTERRUPT FUNCTIONS
147
14.2 HARDWARE COMPONENTS OF THE INTERRUPT CONTROL CIRCUIT
The flags of the interrupt control circuit are explained below.
14.2.1 Interrupt Request Flag (IRQ
×××) and the Interrupt Enable Flag (IP×××)
The interrupt request flag (IRQ
×××) is set to 1 when an interrupt request occurs. When interrupt handling is
executed, the flag is automatically cleared to 0.
An interrupt enable flag (IP
×××) is provided for each interrupt request flag. If the flag is 1, an interrupt is enabled.
If it is 0, the interrupt is disabled.
14.2.2 EI/DI Instruction
The EI/DI instruction is used to determine whether an accepted interrupt is to be executed.
If the EI instruction is executed, INTE for enabling interrupt reception is set. Since the INTE flag is not registered
in the register file, flag status cannot be checked by instructions.
The DI instruction clears the INTE flag to 0 and disables all interrupts.
At reset the INTE flag is cleared to 0 and all interrupts are disabled.
Table 14-2. Interrupt Request Flag and Interrupt Enable Flag
Interrupt
Interrupt
Request Flag
Enagle Flag
IRQ
Set by edge detection of an INT pin input signal.
IP
A detection edge is selected by IEGMD0 or
IEGMD1.
IRQTM
Set by a match signal from timer.
IPTM
IRQSIO
Set by a serial data transmission end signal from
IPSIO
the serial interface.
Signal for Setting the Interrupt Request Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com